Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA0511.850NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA0511.850NLT
Description  SMT Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0511.850NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA0511.850NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA0511.850NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA0511.850NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA0511.850NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA0511.850NLT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
power.pulseelectronics.com
SPM2007 (04/17)
http://www.power.pulseelectronics.com/contact
SMT Power Inductors
Power Beads - PA051XNL, PA121XNL, PA151XNL Series
1
Current Rating: Over 70Apk
Inductance Range: 72nH to 470nH
Four Package Sizes:
PA0512/PA1212: 7.0 x 7.0 x 4.96mm Max
PA0511/PA1211: 10.2 x 7.0 x 4.96mm Max
PA0515: 11.2 x 11.2 x9.0mm Max
PA0513/PA1513: 13.5 x 13.0 x 8.0mm Max
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C 7,8
Part
Number
Inductance
@ 0ADC
(nH
±20%)
Inductance
@ Irated
(nH
TYP)
Irated 1
(ADC)
DCR 2
(m
Ω)
Saturation Current 3
(TYP)
Heating 4
Current
(A TYP)
25°C
100°C
PA0512.700NLT
72
72
31
58
45
PA0512.101NLT
105
102
31
0.32
±9.4%
46
38
31
PA0512.151NLT
150
134
24
30
24
PA1212.700NLT
72
72
31
58
45
PA1212.101NLT
105
102
31
0.46
±6.5%
46
38
31
PA1212.151NLT
150
134
24
30
24
PA0511.850NLT
85
85
31
70+
70
PA0511.900NLT
100
100
31
70
65
PA0511.101NLT
120
120
31
0.39
±7.7%
52
42
31
PA0511.151NLT
155
150
31
40
36
PA0511.221NLT
220
176
25
33
25
PA1211.850NLT *
85
85
31
70+
70
PA1211.900NLT *
100
100
31
70
65
PA1211.101NLT
120
120
31
0.55
±7.3%
52
42
31
PA1211.151NLT
155
150
31
40
36
PA1211.221NLT
220
176
25
33
25
PA0515.221NLT
225
225
35
68
59
PA0515.271NLT
270
280
35
50
44
PA0515.321NLT
325
325
35
43
36
PA0515.471NLT
470
380
23
30
23
0.63
±9.5%
PA0512NL and PA1212NL - 7.0mm x 7.0mm x 4.96mm Max
PA0511NL and PA1211NL - 10.2mm x 7.0mm x 4.96mm Max
PA0515NL - 11.2mm x 11.2mm x 9.0mm Max
35


Similar Part No. - PA0511.850NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA0511.850NLT PULSE-PA0511.850NLT Datasheet
1Mb / 4P
   Power Beads
More results

Similar Description - PA0511.850NLT

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com