Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL2356 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL2356
Description  SMT COMMON MODE INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL2356 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL2356 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
M202.A (3/13)
1
pulseelectronics.com
SMT COMMON MODE INDUCTORS
Military/Aerospace Grade
Mechanicals
Schematic
Typical Impedance Curves
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
For More Information
Pulse North America
Headquarters
Two Pearl Buck Court
Bristol, PA 19007
U.S.A.
Tel: 215 781 6400
Fax: 215 781 6403
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 7806 0
Fax: 49 7032 7806 12
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technology Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China 518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance Ctr.
2067 Yan An Road West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 320
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be trademarks
or registered trademarks of their respective owners. © Copyright, 2013. Pulse Electronics, Inc. All rights reserved.
Pick and place compatible
Rated voltage 250VAC
Low RFI toroid
Tape & Reel packaging available
MSL: 1
Max Reflow Temp: 235ºC
Storage Temp: -55ºC to +125ºC
EElectrical Specifications @ 25°C — Operating Temperature -55°C to +125°C
Part Number
Inductance
(mH MIN)
Irated
(A)
DCR (MAX)
(m
Ω)
Typical SRF
(MHz)
Impedance Curve
Size Code
Weight
(Grams)
Quantity In Tube
PL2356
6.0
1.00
450
0.5
4
LCCI-37
2.4
30
Notes:
1. Optional Tape & Reel packaging can be ordered by adding a “T” suffix to the part number (i.e. PL2356
becomes PL2356T). Pulse complies to industry standard tape and reel specification EIA481.
2. The “NL” suffix indicates an RoHS-compliant part number. Non-NL suffixed parts are not necessarily
RoHS compliant, but are electrically and mechanically equivalent to NL versions.
If a part number does not have the “NL” suffix, but an RoHS compliant version is required,
please contact Pulse for availability.
3. The temperature of the component (ambient plus temperature rise) must be within the stated
operating temperature range.
.340±
8,64
.005
0,13
.520 ±
13,12
.15
0,38
.530 ±
13,46
.560
14,22
MAX
MAX
MAX
.005
0,13
.350
8,89
.645
16,38
4
1
2
3
1:1 ±2%
Frequency (MHz)
1K
4
0
2K
3K
4K
5K
6K
7K
0
0.01
0.11
10
100


Similar Part No. - PL2356

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL2303 ETC1-PL2303 Datasheet
144Kb / 11P
   PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Prolific Technology Inc...
PL2303 PROLIFIC-PL2303 Datasheet
1Mb / 30P
   USB to Serial Bridge Controller
logo
List of Unclassifed Man...
PL2303 ETC-PL2303 Datasheet
149Kb / 11P
   PL-2303 USB to RS-232 Bridge Controller
PL2303EA ETC2-PL2303EA Datasheet
177Kb / 1P
   Supports remote wake-up from MODEM input signals
logo
Prolific Technology Inc...
PL2303GC PROLIFIC-PL2303GC Datasheet
119Kb / 1P
   USB to Serial Bridge Controller
More results

Similar Description - PL2356

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53914NLT PULSE-PE-53914NLT Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
SPM2007 PULSE-SPM2007_62 Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
PL8800 PULSE-PL8800 Datasheet
68Kb / 1P
   SMT COMMON MODE INDUCTORS
PE-53914 PULSE-PE-53914 Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
PE-53913 PULSE-PE-53913 Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS
X-1568 PULSE-X-1568 Datasheet
179Kb / 2P
   SMT COMMON MODE INDUCTORS
PE-53911NLT PULSE-PE-53911NLT Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS 0.5A to 3.6A
PE-53912NLT PULSE-PE-53912NLT Datasheet
142Kb / 1P
   SMT COMMON MODE INDUCTORS 0.5A to 3.6A
logo
Rhombus Industries Inc.
L-244 RHOMBUS-IND-L-244 Datasheet
67Kb / 2P
   Common Mode Inductors
L-252 RHOMBUS-IND-L-252 Datasheet
37Kb / 1P
   Common Mode Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com