Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25601RTWT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25601RTWT
Description  I2C Controlled 3-A, Single-Cell Battery Charger for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ25601RTWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ25601RTWT Datasheet HTML 7Page - Texas Instruments BQ25601RTWT Datasheet HTML 8Page - Texas Instruments BQ25601RTWT Datasheet HTML 9Page - Texas Instruments BQ25601RTWT Datasheet HTML 10Page - Texas Instruments BQ25601RTWT Datasheet HTML 11Page - Texas Instruments BQ25601RTWT Datasheet HTML 12Page - Texas Instruments BQ25601RTWT Datasheet HTML 13Page - Texas Instruments BQ25601RTWT Datasheet HTML 14Page - Texas Instruments BQ25601RTWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
11
bq25601
www.ti.com
SLUSCK5 – MARCH 2017
Product Folder Links: bq25601
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
VVAC_UVLOZ < VVAC < VVAC_OV and VVAC > VBAT + VSLEEP, TJ = –40°C to 125°C and TJ = 25°C for typical values (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Specified by design. Not production tested.
CHARGE OVERCURRENT COMPARATOR (CYCLE-BY-CYCLE)
IHSFET_OCP
HSFET cycle-by-cycle over-
current threshold
5.2
8.0
A
IBATFET_OCP
System over load threshold
6.0
A
CHARGE UNDER-CURRENT COMPARATOR (CYCLE-BY-CYCLE)
VLSFET_UCP
LSFET under-current falling
threshold
From sync mode to non-sync mode
160
mA
PWM
fSW
PWM switching frequency
Oscillator frequency, buck mode
1320
1500
1680
kHz
Oscillator frequency, boost mode
1150
1412
1660
kHz
DMAX
Maximum PWM duty cycle(1)
97%
BOOST MODE OPERATION
VOTG_REG
Boost mode regulation voltage
VVBAT = 3.8 V, I(PMID) = 0 A,
BOOSTV[1:0] = '10' = 5.15 V
4.972
5.126
5.280
V
VOTG_REG_ACC
Boost mode regulation voltage
accuracy
VVBAT = 3.8 V, I(PMID) = 0 A,
BOOSTV[1:0] = '10' = 5.15 V
-3
3
%
VBATLOWV_OTG
Battery voltage exiting boost
mode
VVBAT falling, MIN_VBAT_SEL
(REG01[0]) = 0
2.6
2.8
2.9
V
VVBAT rising, MIN_VBAT_SEL
(REG01[0]) = 0
2.9
3.0
3.15
V
VVBAT falling, MIN_VBAT_SEL
(REG01[0]) = 1
2.4
2.5
2.6
V
VVBAT rising, MIN_VBAT_SEL
(REG01[0]) = 1
2.7
2.8
2.9
V
IOTG
OTG mode output current
BOOST_LIM (REG02[7]) = 1
1.2
1.4
1.6
A
IOTG_OCP_ACC
Boost mode RBFET over-current
protection accuracy
BOOST_LIM = 0.5 A (REG02[7] = 0)
0.5
0.722
A
VOTG_OVP
OTG overvoltage threshold
Rising threshold
5.55
5.8
6.15
V
IOTG_HSZCP
HSFET under current falling
threshold
100
mA
REGN LDO
VREGN
REGN LDO output voltage
VVBUS = 9V, IREGN = 40mA
5.6
6
6.55
V
VREGN
REGN LDO output voltage
VVBUS = 5V, IREGN = 20mA
4.6
4.7
4.8
V
LOGIC I/O PIN CHARACTERISTICS (CE, PSEL, SCL, SDA,, INT)
VILO
Input low threshold CE
0.4
V
VIH
Input high threshold CE
1.3
V
IBIAS
High-level leakage current CE
Pull up rail 1.8 V
1
µA
VILO
Input low threshold PSEL
0.4
V
VIH
Input high threshold PSEL
1.3
V
IBIAS
High-level leakage current PSEL
Pull up rail 1.8V
1
µA
LOGIC I/O PIN CHARACTERISTICS (PG, STAT)
VOL
Low-level output voltage
0.4
V


Similar Part No. - BQ25601RTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25601D TI1-BQ25601D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25601DRTWR TI1-BQ25601DRTWR Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25601DRTWT TI1-BQ25601DRTWT Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
More results

Similar Description - BQ25601RTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25601D TI1-BQ25601D Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3-A Single-Cell Battery Charger With USB Charger Detection for High Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
BQ25600 TI1-BQ25600 Datasheet
1Mb / 66P
[Old version datasheet]   I2C Controlled 3.0-A, Single Cell Battery Charger With up-to 40-V Overvoltage Protection Controller for High-Input Voltage and Narrow Voltage DC (NVDC) Power Path Management
logo
Monolithic Power System...
MP2617H MPS-MP2617H Datasheet
1Mb / 31P
   Wide input Voltage, 3A, Switching Charger With NVDC Power Path Management For Single Cell Li Battery
logo
Texas Instruments
BQ25622E TI1-BQ25622E Datasheet
2Mb / 76P
[Old version datasheet]   BQ25622E I2C Controlled 1-Cell, 3-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24296 TI-BQ24296_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ25628E TI1-BQ25628E Datasheet
2Mb / 75P
[Old version datasheet]   BQ25628E I2C Controlled 1-Cell, 2-A, Maximum 18-V Input, Buck Battery Charger with NVDC Power Path Management
JUNE 2023
logo
Monolithic Power System...
MP2625B MPS-MP2625B Datasheet
1Mb / 31P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2617 MPS-MP2617 Datasheet
1Mb / 29P
   3A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
MP2625 MPS-MP2625 Datasheet
1Mb / 28P
   2A Switching Charger with NVDC Power Path Management For Single Cell Li Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com