Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2530F128 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2530F128
Description  A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2530F128 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2530F128 Datasheet HTML 6Page - Texas Instruments CC2530F128 Datasheet HTML 7Page - Texas Instruments CC2530F128 Datasheet HTML 8Page - Texas Instruments CC2530F128 Datasheet HTML 9Page - Texas Instruments CC2530F128 Datasheet HTML 10Page - Texas Instruments CC2530F128 Datasheet HTML 11Page - Texas Instruments CC2530F128 Datasheet HTML 12Page - Texas Instruments CC2530F128 Datasheet HTML 13Page - Texas Instruments CC2530F128 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
CC2530F32, CC2530F64
CC2530F128, CC2530F256
SWRS081B
– APRIL 2009 – REVISED FEBRUARY 2011
www.ti.com
OP-AMP CHARACTERISTICS
TA = 25°C, VDD = 3 V . All measurement results are obtained using the CC2530 reference designs post-calibration.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Chopping Configuration, Register APCFG = 0x07, OPAMPMC = 0x03, OPAMPC = 0x01
Output maximum voltage
VDD
– 0.07
V
Output minimum voltage
0.07
V
Open-loop gain
108
dB
Gain-bandwidth product
2
MHz
Slew rate
107
V/
μs
Input maximum voltage
VDD + 0.13
V
Intput minimum voltage
–55
mV
Input offset voltage
40
μV
CMRR
Common-mode rejection ratio
90
dB
Supply current
0.4
mA
f = 0.01 Hz to 1 Hz
1.1
Input noise voltage
nV/
√(Hz)
f = 0.1 Hz to 10 Hz
1.7
Non-Chopping Configuration, Register APCFG = 0x07, OPAMPMC = 0x00, OPAMPC = 0x01
Output maximum voltage
VDD
– 0.07
V
Output minimum voltage
0.07
V
Open-loop gain
108
dB
Gain-bandwidth product
2
MHz
Slew rate
107
V/
μs
Input maximum voltage
VDD + 0.13
V
Intput minimum voltage
–55
mV
Input offset voltage
0.8
mV
CMRR
Common-mode rejection ratio
90
dB
Supply current
0.4
mA
f = 0.01 Hz to 1 Hz
60
Input noise voltage
nV/
√(Hz)
f = 0.1 Hz to 10 Hz
65
COMPARATOR CHARACTERISTICS
TA = 25°C, VDD = 3 V. All measurement results are obtained using the CC2530 reference designs, post-calibration.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Common-mode maximum voltage
VDD
V
Common-mode minimum voltage
–0.3
Input offset voltage
1
mV
Offset vs temperature
16
µV/°C
Offset vs operating voltage
4
mV/V
Supply current
230
nA
Hysteresis
0.15
mV
10
Submit Documentation Feedback
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): CC2530F32 CC2530F64 CC2530F128 CC2530F256


Similar Part No. - CC2530F128

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F128 APLUS-CC2530F128 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F128 TI-CC2530F128 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128 TI-CC2530F128 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128 TI-CC2530F128 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F128 TI-CC2530F128 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results

Similar Description - CC2530F128

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_1 Datasheet
716Kb / 30P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
[Old version datasheet]   A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
[Old version datasheet]   A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com