Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC2541F128RHAT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CC2541F128RHAT
Description  2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2541F128RHAT Datasheet(HTML) 1 Page - Texas Instruments

  CC2541F128RHAT Datasheet HTML 1Page - Texas Instruments CC2541F128RHAT Datasheet HTML 2Page - Texas Instruments CC2541F128RHAT Datasheet HTML 3Page - Texas Instruments CC2541F128RHAT Datasheet HTML 4Page - Texas Instruments CC2541F128RHAT Datasheet HTML 5Page - Texas Instruments CC2541F128RHAT Datasheet HTML 6Page - Texas Instruments CC2541F128RHAT Datasheet HTML 7Page - Texas Instruments CC2541F128RHAT Datasheet HTML 8Page - Texas Instruments CC2541F128RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
CC2541
www.ti.com
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
2.4-GHz Bluetooth™ low energy and Proprietary System-on-Chip
Check for Samples: CC2541
1
FEATURES
23
RF
High-Performance and Low-Power 8051
Microcontroller Core With Code Prefetch
2.4-GHz Bluetooth low energy Compliant
and Proprietary RF System-on-Chip
In-System-Programmable Flash, 128- or
256-KB
Supports 250-kbps, 500-kbps, 1-Mbps, 2-
Mbps Data Rates
8-KB RAM With Retention in All Power
Modes
Excellent Link Budget, Enabling Long-
Range Applications Without External Front
Hardware Debug Support
End
Extensive Baseband Automation, Including
Programmable Output Power up to 0 dBm
Auto-Acknowledgment and Address
Decoding
Excellent Receiver Sensitivity (–94 dBm at
1 Mbps), Selectivity, and Blocking
Retention of All Relevant Registers in All
Performance
Power Modes
Suitable for Systems Targeting Compliance
Peripherals
With Worldwide Radio Frequency
Powerful Five-Channel DMA
Regulations: ETSI EN 300 328 and EN 300
General-Purpose Timers (One 16-Bit, Two
440 Class 2 (Europe), FCC CFR47 Part 15
8-Bit)
(US), and ARIB STD-T66 (Japan)
IR Generation Circuitry
Layout
32-kHz Sleep Timer With Capture
Few External Components
Accurate Digital RSSI Support
Reference Design Provided
Battery Monitor and Temperature Sensor
6-mm × 6-mm QFN-40 Package
12-Bit ADC With Eight Channels and
Pin-Compatible With CC2540 (When Not
Configurable Resolution
Using USB or I2C)
AES Security Coprocessor
Low Power
Two Powerful USARTs With Support for
Active-Mode RX Down to: 17.9 mA
Several Serial Protocols
Active-Mode TX (0 dBm): 18.2 mA
23 General-Purpose I/O Pins
Power Mode 1 (4-µs Wake-Up): 270 µA
(21 × 4 mA, 2 × 20 mA)
Power Mode 2 (Sleep Timer On): 1 µA
I2C interface
Power Mode 3 (External Interrupts): 0.5 µA
2 I/O Pins Have LED Driving Capabilities
Wide Supply-Voltage Range (2 V–3.6 V)
Watchdog Timer
TPS62730 Compatible Low Power in Active
Integrated High-Performance Comparator
Mode
Development Tools
RX Down to: 14.7 mA (3-V supply)
CC2541 Evaluation Module Kit
TX (0 dBm): 14.3 mA (3-V supply)
(CC2541EMK)
White space
CC2541 Mini Development Kit (CC2541DK-
White space
MINI)
White space
SmartRF™ Software
White space
IAR Embedded Workbench™ Available
White space
White space
Microcontroller
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Bluetooth is a trademark of Bluetooth SIG, Inc..
3
ZigBee is a registered trademark of ZigBee Alliance.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CC2541F128RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541F128RHAT TI1-CC2541F128RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
More results

Similar Description - CC2541F128RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
List of Unclassifed Man...
NRF51822 ETC1-NRF51822 Datasheet
256Kb / 2P
   Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com