Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCM61001 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDCM61001
Description  One Output, Integrated VCO, Low-Jitter Clock Generator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCM61001 Datasheet(HTML) 3 Page - Texas Instruments

  CDCM61001_17 Datasheet HTML 1Page - Texas Instruments CDCM61001_17 Datasheet HTML 2Page - Texas Instruments CDCM61001_17 Datasheet HTML 3Page - Texas Instruments CDCM61001_17 Datasheet HTML 4Page - Texas Instruments CDCM61001_17 Datasheet HTML 5Page - Texas Instruments CDCM61001_17 Datasheet HTML 6Page - Texas Instruments CDCM61001_17 Datasheet HTML 7Page - Texas Instruments CDCM61001_17 Datasheet HTML 8Page - Texas Instruments CDCM61001_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
CDCM61001
www.ti.com
SCAS869F
– FEBRUARY 2009 – REVISED JUNE 2011
AVAILABLE OPTIONS(1)
TA
PACKAGED DEVICES
FEATURES(2)
CDCM61001RHBT
32-pin QFN (RHB) package, small tape and reel
–40°C to +85°C
CDCM61001RHBR
32-pin QFN (RHB) package, tape and reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at ti.com.
(2)
These packages conform to Lead (Pb)-free and green manufacturing specifications. Additional details including specific material content
can be accessed at www.ti.com/leadfree. GREEN: TI defines Green to mean Lead (Pb)-Free and in addition, uses less package
materials that do not contain halogens, including bromine (Br), or antimony (Sb) above 0.1%of total product weight. N/A: Not yet
available Lead (Pb)-Free; for estimated conversion dates, go to www.ti.com/leadfree. Pb-FREE: TI defines Lead (Pb)-Free to mean
RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and, if designed to be soldered,
suitable for use in specified lead-free soldering processes.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
VALUE
UNIT
VCC_OUT, VCC_PLL1, VCC_PLL2,
Supply voltage range(2)
–0.5 to +4.6
V
VCC_VCO, VCC_IN
VIN
Input voltage range(3)
–0.5 to (VCC_IN + 0.5)
V
VOUT
Output voltage range(3)
–0.5 to (VCC_OUT + 0.5)
V
IIN
Input current
20
mA
IOUT
Output current
50
mA
TSTG
Storage temperature range
–65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
condition is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All supply voltages must be supplied simultaneously.
(3)
Input and output negative voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
RECOMMENDED OPERATING CONDITIONS
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
MIN
NOM
MAX
UNIT
VCC_OUT
Output supply voltage
3.0
3.30
3.60
V
VCC_PLL1
PLL supply voltage
3.0
3.30
3.60
V
VCC_PLL2
PLL supply voltage
3.0
3.30
3.60
V
VCC_VCO
On-chip VCO supply voltage
3.0
3.30
3.60
V
VCC_IN
Input supply voltage
3.0
3.30
3.60
V
TA
Ambient temperature
–40
+85
°C
DISSIPATION RATINGS
(1) (2)
VALUE
TEST
4
× 4 VIAS
PARAMETER
CONDITIONS
ON PAD
UNIT
θJA
Thermal resistance, junction-to-ambient
0 LFM
35
°C/W
θJP
(3)
Thermal resistance, junction-to-pad
4
°C/W
(1)
The package thermal resistance is calculated in accordance with JESD 51 and JEDEC 2S2P (high-K board).
(2)
Connected to GND with nine thermal vias (0.3-mm diameter).
(3)
θJP (junction-to-pad) is used for the QFN package, because the primary heat flow is from the junction to the GND pad of the QFN
package.
Copyright
© 2009–2011, Texas Instruments Incorporated
3


Similar Part No. - CDCM61001_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
More results

Similar Description - CDCM61001_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCM61001 TI-CDCM61001_10 Datasheet
765Kb / 35P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI1-CDCM61001_12 Datasheet
787Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61001 TI-CDCM61001 Datasheet
857Kb / 33P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM6100XEVM TI1-CDCM6100XEVM Datasheet
735Kb / 34P
[Old version datasheet]   One Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002 Datasheet
865Kb / 34P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61002 TI-CDCM61002_10 Datasheet
711Kb / 35P
[Old version datasheet]   Two Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004_101 TI-CDCM61004_101 Datasheet
714Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004 Datasheet
867Kb / 35P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
CDCM61004 TI-CDCM61004_10 Datasheet
790Kb / 34P
[Old version datasheet]   Four Output, Integrated VCO, Low-jitter Clock Generator
CDCM61004 TI1-CDCM61004_17 Datasheet
1Mb / 39P
[Old version datasheet]   Four Output, Integrated VCO, Low-Jitter Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com