Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCS504TPWRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CDCS504TPWRQ1
Description  Clock Buffer and Clock Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCS504TPWRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  CDCS504TPWRQ1 Datasheet HTML 1Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 2Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 3Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 4Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 5Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 6Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 7Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 8Page - Texas Instruments CDCS504TPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Freq
[MHz]
0
3
6
9
12
15
18
21
24
27
30
33
10
12
14
16
18
20
22
24
26
28
30
32
34
D001
x4 Mode
x1 Mode
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100 110
450
475
500
525
550
575
600
625
650
675
700
725
750
775
tc_D
-40°C, 3.0 V
-40°C, 3.3 V
-40°C, 3.6 V
25°C, 3.0 V
25°C, 3.3 V
25°C, 3.6 V
85°C, 3.0 V
85°C, 3.3 V
85°C, 3.6 V
Frequency (MHz)
0
10
20
30
40
50
60
70
80
90
100 110
500
550
600
650
700
750
800
850
900
tc_D
-40°C, 3.0 V
-40°C, 3.3 V
-40°C, 3.6 V
25°C, 3.0 V
25°C, 3.3 V
25°C, 3.6 V
85°C, 3.0 V
85°C, 3.3 V
85°C, 3.6 V
5
CDCS504-Q1
www.ti.com
SCAS951 – APRIL 2017
Product Folder Links: CDCS504-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics – Device Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Measured with Test Load, see Figure 4.
(2)
Not production tested.
VOL
LVCMOS low-level output voltage
IOL = 0.1 mA
0.1
V
IOL = 8 mA
0.5
IOL = 12 mA
0.8
IOZ
High-impedance-state output current
OE = Low
–2
2
μA
tJIT(C-C)
Cycle to cycle jitter(1)
fout = 11.264 MHz; FS = 1,
10000 Cycles
144
ps
tr
Rise time(1)
20%–80%
0.65
ns
tf
Fall time(1)
20%–80%
0.55
ns
Odc
Output duty cycle(2)
45%
55%
6.6 Typical Characteristics
Figure 1. Typical Tr vs Output Frequency, VDD,
Temperature in X4 Mode
Figure 2. Typical Tf vs Output Frequency, VDD, Temperature
in X4 Mode
VCC = 3.3 V, output loaded with test load
Figure 3. IDD vs Input Frequency


Similar Part No. - CDCS504TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
CDCS501PW TI-CDCS501PW Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
CDCS501PWR TI-CDCS501PWR Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
CDCS502 TI-CDCS502 Datasheet
353Kb / 11P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
CDCS502 TI1-CDCS502 Datasheet
566Kb / 12P
[Old version datasheet]   Crystal Oscillator / Clock Generator with optional SSC
More results

Similar Description - CDCS504TPWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCS503 TI-CDCS503 Datasheet
307Kb / 9P
[Old version datasheet]   Clock Buffer/Clock Multiplier With Optional SSC
CDCS503-Q1 TI1-CDCS503-Q1 Datasheet
527Kb / 14P
[Old version datasheet]   Clock Buffer/Clock Multiplier With Optional SSC
CDCS503 TI1-CDCS503_16 Datasheet
958Kb / 11P
[Old version datasheet]   Clock Buffer/Clock Multiplier With Optional SSC
logo
Renesas Technology Corp
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
   CLOCK SYNCHRONIZER AND MULTIPLIER
2019
logo
Integrated Circuit Syst...
AV9170 ICST-AV9170 Datasheet
253Kb / 11P
   Clock Synchronizer and Multiplier
logo
Integrated Device Techn...
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
   CLOCK SYNCHRONIZER AND MULTIPLIER
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
   Clock Synchronizer and Multiplier
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
   Clock Multiplier
logo
Texas Instruments
CDCF5801 TI1-CDCF5801_14 Datasheet
605Kb / 22P
[Old version datasheet]   CLOCK MULTIPLIER
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com