Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

201-000795 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # 201-000795
Description  32-Channel, Current-Input Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

201-000795 Datasheet(HTML) 4 Page - Texas Instruments

  201-000795 Datasheet HTML 1Page - Texas Instruments 201-000795 Datasheet HTML 2Page - Texas Instruments 201-000795 Datasheet HTML 3Page - Texas Instruments 201-000795 Datasheet HTML 4Page - Texas Instruments 201-000795 Datasheet HTML 5Page - Texas Instruments 201-000795 Datasheet HTML 6Page - Texas Instruments 201-000795 Datasheet HTML 7Page - Texas Instruments 201-000795 Datasheet HTML 8Page - Texas Instruments 201-000795 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
DDC232
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +5V, DVDD = +3.0V, VREF = +4.096V, tINT = 333ms for DDC232C or 166ms for
DDC232CK,
Range 7, and continuous mode operation, unless otherwise noted.
DDC232C
DDC232CK
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
PERFORMANCE OVER TEMPERATURE
Offset Drift
±0.5
5
(8)
±0.5
5
(8)
ppm of FSR/°C
Offset Drift Stability
±0.2
2
(8)
±0.2
2
(8)
ppm of FSR/minute
DC Bias Voltage Drift
(9)
±3
±3
mV/°C
Input Bias Current Drift
TA = +25°C to +45°C
0.01
1
(8)
0.01
1
(8)
pA/°C
Range Drift
(10)
25
50
25
50
ppm/°C
Range Drift Match
(11)
±5
±5
ppm/°C
REFERENCE
Voltage
4.000
4.096
4.200
4.000
4.096
4.200
V
Input Current
(12)
Average Value with tINT = 333ms
325
mA
Average Value with tINT = 166.5ms
650
mA
DIGITAL INPUT/OUTPUT
Logic Levels
VIH
0.8 DVDD
DVDD + 0.1
0.8 DVDD
DVDD + 0.1
V
VIL
–0.1
0.2 DVDD
–0.1
0.2 DVDD
V
VOH
IOH = –500mA
DVDD – 0.4
DVDD – 0.4
V
VOL
IOL = 500mA
0.4
0.4
V
Input Current (IIN)
0 < VIN < DVDD
±10
±10
mA
Data Format
(13)
Straight Binary
Straight Binary
POWER-SUPPLY REQUIREMENTS
Analog Power-Supply Voltage (AVDD)
4.75
5.0
5.25
4.9
5.0
5.1
V
Digital Power-Supply Voltage (DVDD)
2.7
3.0
3.6
2.7
3.0
3.6
V
Supply Current
Analog Current
41
60
mA
Digital Current
3.7
8.0
mA
Total Power Dissipation
224
288
290
mW
Per Channel Power Dissipation
7
9
10
mW/Channel
(8)
Ensured by design, not production tested.
(9)
Voltage produced by the DDC232 at its input that is applied to the sensor.
(10) Range drift does not include external reference drift.
(11) Matching between side A and side B of the same input.
(12) Input reference current decreases with increasing tINT (see the Voltage Reference section, page 10).
(13) Data format is Straight Binary with a small offset. The number of bits in the output word is controlled by the Format bit.
4
Submit Documentation Feedback
Copyright © 2004–2010, Texas Instruments Incorporated
Product Folder Link(s): DDC232


Similar Part No. - 201-000795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
201-000795 TI1-201-000795 Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
More results

Similar Description - 201-000795

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC232 TI1-DDC232_15 Datasheet
979Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
   32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI-DDC316 Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
[Old version datasheet]   128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
[Old version datasheet]   256-Channel, Current-Input Analog-To-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
[Old version datasheet]   64-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
[Old version datasheet]   DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com