Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF857RHAR Datasheet(PDF) 5 Page - Texas Instruments

Part # CDCVF857RHAR
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF857RHAR Datasheet(HTML) 5 Page - Texas Instruments

  CDCVF857RHAR Datasheet HTML 1Page - Texas Instruments CDCVF857RHAR Datasheet HTML 2Page - Texas Instruments CDCVF857RHAR Datasheet HTML 3Page - Texas Instruments CDCVF857RHAR Datasheet HTML 4Page - Texas Instruments CDCVF857RHAR Datasheet HTML 5Page - Texas Instruments CDCVF857RHAR Datasheet HTML 6Page - Texas Instruments CDCVF857RHAR Datasheet HTML 7Page - Texas Instruments CDCVF857RHAR Datasheet HTML 8Page - Texas Instruments CDCVF857RHAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
CDCVF857
SCAS047F – MARCH 2003 – REVISED MAY 2007
Table 1. TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
DGG
RHA/RTB
GQL/ZQL
AGND
17
9
H1
Ground for 2.5-V analog supply
AVDD
16
8
G2
2.5-V analog supply
CLK, CLK
13, 14
5, 6
F1, F2
I
Differential clock input
FBIN, FBIN
35, 36
25, 26
F5, F6
I
Feedback differential clock input
FBOUT,
32, 33
21, 22
H6, G5
O
Feedback differential clock output
FBOUT
1, 7, 8, 18, 24, 25,
A3, A4, C1, C2, C5,
GND
1, 10
Ground
31, 41, 42, 48
C6, H2, H5, K3, K4
PWRDWN
37
27
E6
I
Output enable for Y and Y
4, 11, 12, 15, 21, 28,
4, 7, 13, 18, 23, 24,
B3, B4, E1, E2, E5,
VDDQ
2.5-V supply
34, 38, 45
28, 33, 38
G1, G6, J3, J4
Y0, Y0
3, 2
37, 36
A1, A2
O
Y1, Y1
5, 6
39, 40
B2, B1
O
Y2, Y2
10, 9
3, 2
D1, D2
O
Y3, Y3
20, 19
12,11
J2, J1
O
Y4, Y4
22, 23
14, 15
K1, K2
O
Buffered output copies of input clock, CLK, CLK
Y5, Y5
46, 47
34, 35
A6, A5
O
Y6, Y6
44, 43
32, 31
B5, B6
O
Y7, Y7
39, 40
29, 30
D6, D5
O
Y8, Y8
29, 30
19, 20
J5, J6
O
Y9, Y9
27, 26
17, 16
K6, K5
O
over operating free-air temperature range (unless otherwise noted) (1)
VDDQ, AVDD
Supply voltage range
0.5 V to 3.6 V
VI
Input voltage range(2)(3)
–0.5 V to VDDQ + 0.5 V
VO
Output voltage range(2)(3)
–0.5 V to VDDQ + 0.5 V
IIK
Input clamp current
VI < 0 or VI > VDDQ
±50 mA
IOK
Output clamp current
VO < 0 or VO > VDDQ
±50 mA
IO
Continuous output current
VO = 0 to VDDQ
±50 mA
IDDC
Continuous current to GND or VDDQ
±100 mA
Tstg
Storage temperature range
–65
°C to 150°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed.
(3)
This value is limited to 3.6 V maximum.
RθJA for TSSOP (DGG) Package
(1)
RθJA for MLF (RHA/RTB) Package
RθJA for BGA (GQL/ZQL) Package
(2)
Airflow
Low K
High K
Airflow
With 4 Thermal Vias
Airflow
High K
0 ft/min
89.1
°C/W
70
°C/W
0 ft/min
44.7
°C/W
0 ft/min
132.2
°C/W
150 ft/min
78.5
°C/W
65.3
°C/W
150 ft/min
150 ft/min
126.4
°C/W
(1)
The package thermal impedance is calculated in accordance with JESD 51.
(2)
Connecting the NC-balls (C3, C4, D3, D4, G3, G4, H3, H4) to a ground plane improves the
θ
JA to 114.8°C/W (0 airflow).
5
Submit Documentation Feedback


Similar Part No. - CDCVF857RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF857RHAR TI-CDCVF857RHAR Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857RHAR TI1-CDCVF857RHAR Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857RHARG4 TI-CDCVF857RHARG4 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857RHARG4 TI1-CDCVF857RHARG4 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results

Similar Description - CDCVF857RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com