Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA201AIDGKR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA201AIDGKR
Description  High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA201AIDGKR Datasheet(HTML) 4 Page - Texas Instruments

  INA201AIDGKR Datasheet HTML 1Page - Texas Instruments INA201AIDGKR Datasheet HTML 2Page - Texas Instruments INA201AIDGKR Datasheet HTML 3Page - Texas Instruments INA201AIDGKR Datasheet HTML 4Page - Texas Instruments INA201AIDGKR Datasheet HTML 5Page - Texas Instruments INA201AIDGKR Datasheet HTML 6Page - Texas Instruments INA201AIDGKR Datasheet HTML 7Page - Texas Instruments INA201AIDGKR Datasheet HTML 8Page - Texas Instruments INA201AIDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
INA200, INA201, INA202
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all
±1000
pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
–16
12
80
V
VS
Operating supply voltage
2.7
12
18
V
TA
Operating free-air temperature
–40
25
125
°C
6.4 Thermal Information
INA20x
THERMAL METRIC(1)
D (SOIC)
DGK (SOIC)
UNIT
8 PINS
8 PINS
RθJA
Junction-to-ambient thermal resistance
110.5
162.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
50.4
37.7
°C/W
RθJB
Junction-to-board thermal resistance
52.7
82.9
°C/W
ψJT
Junction-to-top characterization parameter
7.8
1.3
°C/W
ψJB
Junction-to-board characterization parameter
51.9
81.4
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics: Current-Shunt Monitor
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ connected from CMPOUT to VS,
and CMPIN = GND, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
(VS – 0.25) /
VSENSE
Full-scale sense input voltage
VSENSE = VIN+ – VIN–
0.15
V
Gain
VCM
Common-mode input range
TA = –40°C to 125°C
–16
80
V
VIN+ = –16 V to 80 V
80
100
dB
CMR
Common-mode rejection
VIN+ = 12 V to 80 V, TA = –40°C to 125°C
100
123
dB
TA = 25°C
±0.5
±2.5
mV
VOS
Offset voltage, RTI(1)
TA = 25°C to 125°C
±3
mV
TA = –40°C to 25°C
±3.5
mV
Offset voltage, RTI, vs
dVOS/dT
TMIN to TMAX, TA = –40°C to 125°C
5
μV/°C
temperature
Offset voltage, RTI, vs power
PSR
VOUT = 2 V, VIN+ = 18 V, 2.7 V, TA = –40°C to 125°C
2.5
100
μV/V
supply
IB
Input bias current, VIN– pin
TA = –40°C to 125°C
±9
±16
μA
(1)
Offset is extrapolated from measurements of the output at 20-mV and 100-mV VSENSE.
4
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA200 INA201 INA202


Similar Part No. - INA201AIDGKR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA201AIDGKR BURR-BROWN-INA201AIDGKR Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA201AIDGKR BURR-BROWN-INA201AIDGKR Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA201AIDGKR TI1-INA201AIDGKR Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA201AIDGKRG4 BURR-BROWN-INA201AIDGKRG4 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA201AIDGKRG4 BURR-BROWN-INA201AIDGKRG4 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
More results

Similar Description - INA201AIDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com