Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA219AIDCNTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA219AIDCNTG4
Description  Bidirectional Current/Power Monitor With I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219AIDCNTG4 Datasheet(HTML) 5 Page - Texas Instruments

  INA219AIDCNTG4 Datasheet HTML 1Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 2Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 3Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 4Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 5Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 6Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 7Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 8Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
INA219
www.ti.com
SBOS448G – AUGUST 2008 – REVISED DECEMBER 2015
7.5 Electrical Characteristics:
At TA = 25°C, VS = 3.3 V, VIN+ = 12V, VSHUNT = (VIN+ – VIN–) = 32 mV, PGA = /1, and BRNG
(1) = 1, unless otherwise noted.
INA219A
INA219B
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
INPUT
PGA = /1
0
±40
0
±40
mV
PGA = /2
0
±80
0
±80
mV
Full-scale current sense (input) voltage
VSHUNT
range
PGA = /4
0
±160
0
±160
mV
PGA = /8
0
±320
0
±320
mV
BRNG = 1
0
32
0
32
V
Bus voltage (input voltage) range(2)
BRNG = 0
0
16
0
16
V
CMRR
Common-mode rejection
VIN+ = 0 to 26 V
100
120
100
120
dB
PGA = /1
±10
±100
±10
±50(4)
μV
PGA = /2
±20
±125
±20
±75(4)
μV
Offset voltage, RTI(3)
VOS
PGA = /4
±30
±150
±30
±75(4)
μV
PGA = /8
±40
±200
±40
±100(4)
μV
vs Temperature
TA = –25°C to 85°C
0.1
0.1
μV/°C
PSRR
vs Power Supply
VS = 3 to 5.5 V
10
10
μV/V
Current sense gain error
±40
±40
m%
vs Temperature
TA = –25°C to 85°C
1
1
m%/°C
IN+ pin input bias current
Active mode
20
20
μA
IN– pin input bias current || VIN– pin input
μA ||
Active mode
20 || 320
20 || 320
impedance
k
IN+ pin input leakage(5)
Power-down mode
0.1
±0.5
0.1
±0.5
μA
IN– pin input leakage(5)
Power-down mode
0.1
±0.5
0.1
±0.5
μA
DC ACCURACY
ADC basic resolution
12
12
bits
Shunt voltage, 1 LSB step size
10
10
μV
Bus voltage, 1 LSB step size
4
4
mV
±0.3%(
Current measurement error
±0.2%
±0.5%
±0.2%
4)
±0.5%(
over Temperature
TA = –25°C to 85°C
±1%
4)
Bus voltage measurement error
±0.2%
±0.5%
±0.2%
±0.5%
over Temperature
TA = –25°C to 85°C
±1%
±1%
Differential nonlinearity
±0.1
±0.1
LSB
ADC TIMING
12 bit
532
586
532
586
μs
11 bit
276
304
276
304
μs
ADC conversion time
10 bit
148
163
148
163
μs
9 bit
84
93
84
93
μs
Minimum convert input low time
4
4
μs
SMBus
SMBus timeout(6)
28
35
28
35
ms
DIGITAL INPUTS (SDA as Input, SCL, A0, A1)
Input capacitance
3
3
pF
Leakage input current
0
≤ VIN ≤ VS
0.1
1
0.1
1
μA
VIH input logic level
0.7 (VS)
6 0.7 (VS)
6
V
VIL input logic level
–0.3
0.3 (VS)
–0.3
0.3 (VS)
V
(1)
BRNG is bit 13 of the Configuration register 00h in Figure 19.
(2)
This parameter only expresses the full-scale range of the ADC scaling. In no event should more than 26 V be applied to this device.
(3)
Referred-to-input (RTI)
(4)
Indicates improved specifications of the INA219B.
(5)
Input leakage is positive (current flowing into the pin) for the conditions shown at the top of the table. Negative leakage currents can
occur under different input conditions.
(6)
SMBus timeout in the INA219 resets the interface any time SCL or SDA is low for over 28 ms.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA219


Similar Part No. - INA219AIDCNTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219AIDCNTG4 TI-INA219AIDCNTG4 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA219AIDCNTG4 TI-INA219AIDCNTG4 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219AIDCNTG4 TI1-INA219AIDCNTG4 Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219AIDCNTG4 TI1-INA219AIDCNTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219AIDCNTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI1-INA219 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com