Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA219AIDCNTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA219AIDCNTG4
Description  Bidirectional Current/Power Monitor With I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219AIDCNTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA219AIDCNTG4 Datasheet HTML 6Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 7Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 8Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 9Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 10Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 11Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 12Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 13Page - Texas Instruments INA219AIDCNTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
V
= V
- GND
BUS
IN-
Range of 0V to 26V
Typical Application 12V
Data (SDA)
3.3V Supply
Clock (SCL)
´
Power Register
Current Register
I C-/SMBUS-
Compatible
Interface
2
Voltage Register
V
IN+
V
IN-
ADC
PGA
INA219
GND
A0
A1
V
= V
- V
SHUNT
IN+
IN-
Typically < 50mV
Supply
Load
-
+
INA219 Power-Supply Voltage
3V to 5.5V
V
S
R
SHUNT
INA219
SBOS448G – AUGUST 2008 – REVISED DECEMBER 2015
www.ti.com
Feature Description (continued)
Figure 13. INA219 Configured for Shunt and Bus Voltage Measurement
Although the INA219 can be read at any time, and the data from the last conversion remain available, the
conversion ready bit (Status register, CNVR bit) is provided to help coordinate one-shot or triggered conversions.
The conversion ready bit is set after all conversions, averaging, and multiplication operations are complete.
The conversion ready bit clears under any of these conditions:
Writing to the Configuration register, except when configuring the MODE bits for power down or ADC off
(disable) modes
Reading the Status register
Triggering a single-shot conversion with the convert pin
8.3.1.1 Power Measurement
Current and bus voltage are converted at different points in time, depending on the resolution and averaging
mode settings. For instance, when configured for 12-bit and 128 sample averaging, up to 68 ms in time between
sampling these two values is possible. Again, these calculations are performed in the background and do not add
to the overall conversion time.
8.3.1.2 PGA Function
If larger full-scale shunt voltages are desired, the INA219 provides a PGA function that increases the full-scale
range up to 2, 4, or 8 times (320 mV). Additionally, the bus voltage measurement has two full-scale ranges: 16 or
32 V.
8.3.1.3 Compatibility With TI Hot Swap Controllers
The INA219 is designed for compatibility with hot swap controllers such the TI TPS2490. The TPS2490 uses a
high-side shunt with a limit at 50 mV; the INA219 full-scale range of 40 mV enables the use of the same shunt for
current sensing below this limit. When sensing is required at (or through) the 50-mV sense point of the TPS2490,
the PGA of the INA219 can be set to /2 to provide an 80-mV full-scale range.
10
Submit Documentation Feedback
Copyright © 2008–2015, Texas Instruments Incorporated
Product Folder Links: INA219


Similar Part No. - INA219AIDCNTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219AIDCNTG4 TI-INA219AIDCNTG4 Datasheet
883Kb / 33P
[Old version datasheet]   ZerO-Drift, Bi-Directional CURRENT/POWER MONITOR with I2TM Interface
INA219AIDCNTG4 TI-INA219AIDCNTG4 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219AIDCNTG4 TI1-INA219AIDCNTG4 Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219AIDCNTG4 TI1-INA219AIDCNTG4 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219AIDCNTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI1-INA219 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com