Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HPA01113AIRGVR Datasheet(PDF) 9 Page - Texas Instruments

Part # HPA01113AIRGVR
Description  Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C- and SMBUS-Compatible Interface
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01113AIRGVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button HPA01113AIRGVR Datasheet HTML 5Page - Texas Instruments HPA01113AIRGVR Datasheet HTML 6Page - Texas Instruments HPA01113AIRGVR Datasheet HTML 7Page - Texas Instruments HPA01113AIRGVR Datasheet HTML 8Page - Texas Instruments HPA01113AIRGVR Datasheet HTML 9Page - Texas Instruments HPA01113AIRGVR Datasheet HTML 10Page - Texas Instruments HPA01113AIRGVR Datasheet HTML 11Page - Texas Instruments HPA01113AIRGVR Datasheet HTML 12Page - Texas Instruments HPA01113AIRGVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
300
350
400
450
500
550
600
650
700
0.01
0.1
1
4
Frequency (MHz)
G018
0
50
100
150
200
250
300
350
0.01
0.1
1
4
Frequency (MHz)
G019
200
250
300
350
400
450
500
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G016
0
0.5
1
1.5
2
2.5
3
3.5
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
G017
0
5
10
15
20
25
30
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
IB+
IB−
G014
0
50
100
150
200
250
300
350
400
450
−50
−25
0
25
50
75
100
125
150
Temperature (°C)
IB+, IB−
G015
9
INA3221
www.ti.com
SBOS576B – MAY 2012 – REVISED MARCH 2016
Product Folder Links: INA3221
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 3.3 V, VIN+ = 12 V, VSHUNT = (VIN+) – (VIN–) = 0 mV, and VBUS = VIN– = 12 V (unless otherwise noted)
Figure 13. Input Bias Current vs Temperature
Figure 14. Input Bias Current vs Temperature (Shutdown)
Figure 15. Active IQ vs Temperature
Figure 16. Shutdown IQ vs Temperature
Figure 17. Active IQ vs I
2C Clock Frequency
Figure 18. Shutdown IQ vs I
2C Clock Frequency


Similar Part No. - HPA01113AIRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01110DQPR TI1-HPA01110DQPR Datasheet
1Mb / 37P
[Old version datasheet]   High-Efficiency 20-A Synchronous Buck SWIFT Converter With Eco-mode
HPA01111DQPR TI1-HPA01111DQPR Datasheet
1Mb / 39P
[Old version datasheet]   High-Efficiency 30-A Synchronous Buck SWIFT Converter With Eco-mode
HPA01112AIRGTR TI1-HPA01112AIRGTR Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
HPA011146RGTR TI1-HPA011146RGTR Datasheet
1Mb / 32P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down SWIFTTM Converter with Eco-Mode
HPA01116RHBR TI1-HPA01116RHBR Datasheet
1Mb / 33P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With Internal Oscillator
More results

Similar Description - HPA01113AIRGVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA3221 TI-INA3221_15 Datasheet
1,015Kb / 40P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor with I2C??Interface
INA3221 TI1-INA3221 Datasheet
552Kb / 36P
[Old version datasheet]   Triple-Channel, High-Side Measurement, Shunt and Bus Voltage Monitor
INA233 TI1-INA233 Datasheet
681Kb / 48P
[Old version datasheet]   High-Side or Low-Side Measurement, Bidirectional Current and Power Monitor With I2C-, SMBus-, and PMBus-Compatible Interface
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
ON Semiconductor
NCP45491 ONSEMI-NCP45491 Datasheet
153Kb / 10P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
August, 2018 ??Rev. 2
NCP45492 ONSEMI-NCP45492 Datasheet
221Kb / 12P
   26V, 4-Channel Voltage Bus and 4-Channel High-Side Current Shunt Monitor
June, 2020 ??Rev. 1
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com