Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5575 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM5575
Description  SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5575 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5575_17 Datasheet HTML 7Page - Texas Instruments LM5575_17 Datasheet HTML 8Page - Texas Instruments LM5575_17 Datasheet HTML 9Page - Texas Instruments LM5575_17 Datasheet HTML 10Page - Texas Instruments LM5575_17 Datasheet HTML 11Page - Texas Instruments LM5575_17 Datasheet HTML 12Page - Texas Instruments LM5575_17 Datasheet HTML 13Page - Texas Instruments LM5575_17 Datasheet HTML 14Page - Texas Instruments LM5575_17 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Sample and
Hold DC Level
1V/A
RAMP
TON
tON
CRAMP
(10 P x (VIN ± VOUT) + 50 P) x
LM5575
www.ti.com
SNVS471G – JANUARY 2007 – REVISED APRIL 2013
Error Amplifier and PWM Comparator
The internal high gain error amplifier generates an error signal proportional to the difference between the
regulated output voltage and an internal precision reference (1.225V). The output of the error amplifier is
connected to the COMP pin allowing the user to provide loop compensation components, generally a type II
network, as illustrated in Figure 9. This network creates a pole at DC, a zero and a noise reducing high
frequency pole. The PWM comparator compares the emulated current sense signal from the RAMP generator to
the error amplifier output voltage at the COMP pin.
RAMP Generator
The ramp signal used in the pulse width modulator for current mode control is typically derived directly from the
buck switch current. This switch current corresponds to the positive slope portion of the output inductor current.
Using this signal for the PWM ramp simplifies the control loop transfer function to a single pole response and
provides inherent input voltage feed-forward compensation. The disadvantage of using the buck switch current
signal for PWM control is the large leading edge spike due to circuit parasitics that must be filtered or blanked.
Also, the current measurement may introduce significant propagation delays. The filtering, blanking time and
propagation delay limit the minimum achievable pulsewidth. In applications where the input voltage may be
relatively large in comparison to the output voltage, controlling small pulsewidths and duty cycles is necessary for
regulation. The LM5575 utilizes a unique ramp generator, which does not actually measure the buck switch
current but rather reconstructs the signal. Reconstructing or emulating the inductor current provides a ramp
signal to the PWM comparator that is free of leading edge spikes and measurement or filtering delays. The
current reconstruction is comprised of two elements; a sample & hold DC level and an emulated current ramp.
Figure 14. Composition of Current Sense Signal
The sample & hold DC level illustrated in Figure 14 is derived from a measurement of the re-circulating Schottky
diode anode current. The re-circulating diode anode should be connected to the IS pin. The diode current flows
through an internal current sense resistor between the IS and PGND pins. The voltage level across the sense
resistor is sampled and held just prior to the onset of the next conduction interval of the buck switch. The diode
current sensing and sample & hold provide the DC level of the reconstructed current signal. The positive slope
inductor current ramp is emulated by an external capacitor connected from the RAMP pin to AGND and an
internal voltage controlled current source. The ramp current source that emulates the inductor current is a
function of the Vin and Vout voltages per the following equation:
IRAMP = (10µ x (Vin – Vout)) + 50µA
(2)
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5575


Similar Part No. - LM5575_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
More results

Similar Description - LM5575_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5575MH TI-LM5575MH Datasheet
952Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575QMHX TI-LM5575QMHX Datasheet
952Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
   SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
[Old version datasheet]   LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com