Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5575 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5575
Description  SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5575 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5575 Datasheet HTML 2Page - Texas Instruments LM5575 Datasheet HTML 3Page - Texas Instruments LM5575 Datasheet HTML 4Page - Texas Instruments LM5575 Datasheet HTML 5Page - Texas Instruments LM5575 Datasheet HTML 6Page - Texas Instruments LM5575 Datasheet HTML 7Page - Texas Instruments LM5575 Datasheet HTML 8Page - Texas Instruments LM5575 Datasheet HTML 9Page - Texas Instruments LM5575 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
0
2
4
6
8
10
0
2
4
6
8
10
VIN (V)
Ramp Up
Ramp Down
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-30
-20
-10
0
10
20
30
40
50
-135
-90
-45
0
45
90
135
180
225
GAIN
PHASE
TEMPERATURE (
oC)
-50
-25
0
25
50
75
100
125
0.90
0.95
1.00
1.05
1.10
0
4
16
20
24
ICC (mA)
0
2
4
6
8
8
12
RT (k:)
1
10
100
1000
10
100
1000
TEMPERATURE (
oC)
-50
-25
0
25
50
75
100
125
0.990
0.995
1.000
1.005
1.010
LM5575
SNVS471G – JANUARY 2007 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Oscillator Frequency vs Temperature
Oscillator Frequency vs RT
FOSC = 200kHz
Figure 2.
Figure 3.
VCC vs ICC
Soft Start Current vs Temperature
VIN = 12V
Figure 4.
Figure 5.
VCC vs VIN
Error Amplifier Gain/Phase
RL = 7kΩ
AVCL = 101
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM5575


Similar Part No. - LM5575

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5575 NSC-LM5575 Datasheet
455Kb / 22P
   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5575 TI-LM5575 Datasheet
952Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575 TI-LM5575 Datasheet
952Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
More results

Similar Description - LM5575

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
Texas Instruments
LM5575MH TI-LM5575MH Datasheet
952Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
LM5575QMHX TI-LM5575QMHX Datasheet
952Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5576 NSC-LM5576_09 Datasheet
465Kb / 24P
   SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM5575 TI1-LM5575_14 Datasheet
993Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
LM5575 TI1-LM5575 Datasheet
995Kb / 28P
[Old version datasheet]   LM5575/LM5575Q SIMPLE SWITCHER짰 75V, 1.5A Step-Down Switching Regulator
LM5576MHX TI-LM5576MHX Datasheet
1,022Kb / 30P
[Old version datasheet]   LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com