Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA196AIDBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA196AIDBVT
Description  Current Shunt Monitor ??6 V to 80 V Common-Mode Range
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA196AIDBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA196AIDBVT Datasheet HTML 5Page - Texas Instruments INA196AIDBVT Datasheet HTML 6Page - Texas Instruments INA196AIDBVT Datasheet HTML 7Page - Texas Instruments INA196AIDBVT Datasheet HTML 8Page - Texas Instruments INA196AIDBVT Datasheet HTML 9Page - Texas Instruments INA196AIDBVT Datasheet HTML 10Page - Texas Instruments INA196AIDBVT Datasheet HTML 11Page - Texas Instruments INA196AIDBVT Datasheet HTML 12Page - Texas Instruments INA196AIDBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Time(5 s/div)
m
G=50
V
=10mVto100mV
SENSE
Time(5 s/div)
m
G=50
V
=90mVto100mV
SENSE
Time(2 s/div)
m
G=20
V
=90mVto100mV
SENSE
Time(5 s/div)
m
G=50
V
=10mVto20mV
SENSE
Time(2 s/div)
m
G=20
V
=10mVto20mV
SENSE
Time(2ms/div)
G=20
V
=10mVto100mV
SENSE
9
INA193, INA194, INA195
INA196, INA197, INA198
www.ti.com
SBOS307G – MAY 2004 – REVISED JANUARY 2015
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
All specifications at TA = 25°C, VS = 12 V, and VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 13. Step Response
Figure 14. Step Response
Figure 15. Step Response
Figure 16. Step Response
Figure 17. Step Response
Figure 18. Step Response


Similar Part No. - INA196AIDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA196AIDBVT BURR-BROWN-INA196AIDBVT Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Texas Instruments
INA196AIDBVT TI1-INA196AIDBVT Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA196AIDBVT TI1-INA196AIDBVT Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA196AIDBVTG4 TI1-INA196AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA196AIDBVTG4 TI1-INA196AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA196AIDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA901-SP TI-INA901-SP Datasheet
498Kb / 25P
[Old version datasheet]   INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com