Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH0344 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMH0344
Description  3-Gbps HD - SD SDI Adaptive Cable Equalizer
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0344 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMH0344_17 Datasheet HTML 5Page - Texas Instruments LMH0344_17 Datasheet HTML 6Page - Texas Instruments LMH0344_17 Datasheet HTML 7Page - Texas Instruments LMH0344_17 Datasheet HTML 8Page - Texas Instruments LMH0344_17 Datasheet HTML 9Page - Texas Instruments LMH0344_17 Datasheet HTML 10Page - Texas Instruments LMH0344_17 Datasheet HTML 11Page - Texas Instruments LMH0344_17 Datasheet HTML 12Page - Texas Instruments LMH0344_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
AEC+
Equalizer
Filter
AEC-
MUTE
MUTEREF
DC
Restoration/
Level Control
Automatic
Equalization
Control
SDI
SDI
SDO
SDO
BYPASS
Output
Driver
$
Carrier
Detect/
Mute
Energy
Detect
Energy
Detect
CD
LMH0344
www.ti.com
SNLS233O – APRIL 2007 – REVISED JULY 2015
7 Detailed Description
7.1 Overview
The LMH0344 3-Gbps HD–SD SDI Adaptive Cable Equalizer is designed to equalize data transmitted over cable
or any other media with similar dispersive loss characteristics. The equalizer operates over a wide range of data
rates from 125 Mbps to 2.97 Gbps and supports ST 424, ST 292, ST 344, and ST 259.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Block Description
The Equalizer Filter block is a multistage adaptive filter. If BYPASS is high, the equalizer filter is disabled.
The DC Restoration / Level Control block receives the differential signals from the equalizer filter block. This
block incorporates a self-biasing DC restoration circuit to fully DC restore the signals. If BYPASS is high, this
function is disabled.
The signals before and after the DC Restoration / Level Control block are used to generate the Automatic
Equalization Control (AEC) signal. This control signal sets the gain and bandwidth of the equalizer filter. The
loop response in the AEC block is controlled by an external 1-µF capacitor placed across the AEC+ and AEC–
pins.
The Carrier Detect / Mute block generates the carrier detect signal and controls the mute function of the output.
This block uses the CD and MUTE signals along with Mute Reference (MUTEREF).
The Output Driver produces SDO and SDO.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMH0344


Similar Part No. - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
More results

Similar Description - LMH0344_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0344SQE TI-LMH0344SQE Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344_0808 NSC-LMH0344_0808 Datasheet
387Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 NSC-LMH0344_09 Datasheet
428Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0344 TI-LMH0344 Datasheet
1Mb / 15P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
LMH0344 TI1-LMH0344_14 Datasheet
1Mb / 16P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0344 NSC-LMH0344_08 Datasheet
384Kb / 8P
   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
Texas Instruments
LMH0314 TI1-LMH0314 Datasheet
141Kb / 5P
[Old version datasheet]   3 Gbps HD/SD SDI Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0384 NSC-LMH0384 Datasheet
402Kb / 16P
   3 Gbps HD/SD SDI Extended Reach and Configurable Adaptive Cable Equalizer
logo
Texas Instruments
LMH0387 TI1-LMH0387 Datasheet
625Kb / 20P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
LMH0387 TI1-LMH0387_16 Datasheet
3Mb / 29P
[Old version datasheet]   3 Gbps HD/SD SDI Configurable I/O Adaptive Cable Equalizer / Cable Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com