Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA201-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA201-Q1
Description  High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA201-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA201-Q1 Datasheet HTML 2Page - Texas Instruments INA201-Q1 Datasheet HTML 3Page - Texas Instruments INA201-Q1 Datasheet HTML 4Page - Texas Instruments INA201-Q1 Datasheet HTML 5Page - Texas Instruments INA201-Q1 Datasheet HTML 6Page - Texas Instruments INA201-Q1 Datasheet HTML 7Page - Texas Instruments INA201-Q1 Datasheet HTML 8Page - Texas Instruments INA201-Q1 Datasheet HTML 9Page - Texas Instruments INA201-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
INA200, INA201, INA202
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
6.6 Electrical Characteristics: Comparator
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, and RPULL-UP = 5.1 kΩ connected from CMPOUT to
VS, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
TA = 25°C
590
608
620
mV
Threshold
TA = –40°C to 125°C
586
625
mV
Hysteresis(1)
TA = –40°C to 85°C
–8
mV
INPUT BIAS CURRENT(2)
Input bias current, VMPin PIN
0.005
10
nA
Input bias current, VMPin PIN, vs temperature TA = –40°C to 125°C
15
nA
INPUT VOLTAGE RANGE
Input voltage range, VMPin PIN
0 V to VS – 1.5 V
V
OUTPUT (OPEN-DRAIN)
CMP VOUT 1 V to 4 V,
Large-signal differential voltage gain
200
V/mV
RL ≥ 15 kΩ Connected to 5 V
ILKG
High-level leakage current(3)(4)
VID = 0.4 V, VOH = VS
0.0001
1
μA
VOL
Low-level output voltage(3)
VID = –0.6 V, IOL = 2.35 mA
220
300
mV
RESPONSE TIME
RL to 5 V, CL = 15 pF, 100-mV Input
Response time(5)
1.3
μs
Step with 5-mV Overdrive
RESET
RESET threshold(6)
1.1
V
Logic input impedance
2
M
Minimum RESET pulse width
1.5
μs
RESET propagation delay
3
μs
(1)
Hysteresis refers to the threshold (the threshold specification applies to a rising edge of a noninverting input) of a falling edge on the
noninverting input of the comparator; refer to Figure 1.
(2)
Specified by design.
(3)
VID refers to the differential voltage at the comparator inputs.
(4)
Open-drain output can be pulled to the range of 2.7 to 18 V, regardless of VS.
(5)
The comparator response time specified is the interval between the input step function and the instant when the output crosses 1.4 V.
(6)
The RESET input has an internal 2 M
Ω (typical) pull-down. Leaving RESET open results in a LOW state, with transparent comparator
operation.
6.7 Electrical Characteristics: General
At TA = 25°C, VS = 12 V, VCM = 12 V, VSENSE = 100 mV, RL = 10 kΩ to GND, RPULL-UP = 5.1 kΩ connected from CMPOUT to VS,
and CMPIN = 1 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VS
Operating power supply
TA = –40°C to 125°C
2.7
18
V
VOUT = 2 V
1350
1800
μA
IQ
Quiescent current
VSENSE = 0 mV, TA = –40°C to 125°C
1850
μA
Comparator power-on reset
1.5
V
threshold(1)
TEMPERATURE
Specified temperature
–40
125
°C
Operating temperature
–55
150
°C
Storage temperature
–65
150
°C
VSSOP-8 Surface-Mount
200
°C/W
θJA
Thermal resistance
SOIC-8
150
°C/W
(1)
The INA200, INA201, and INA202 are designed to power-up with the comparator in a defined reset state as long as RESET is open or
grounded. The comparator is in reset as long as the power supply is below the voltage shown here. The comparator assumes a state
based on the comparator input above this supply voltage. If RESET is high at power-up, the comparator output comes up high and
requires a reset to assume a low state, if appropriate.
6
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA200 INA201 INA202


Similar Part No. - INA201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
More results

Similar Description - INA201-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com