Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-0254601VPA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-0254601VPA
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-0254601VPA Datasheet(HTML) 1 Page - Texas Instruments

  5962-0254601VPA Datasheet HTML 1Page - Texas Instruments 5962-0254601VPA Datasheet HTML 2Page - Texas Instruments 5962-0254601VPA Datasheet HTML 3Page - Texas Instruments 5962-0254601VPA Datasheet HTML 4Page - Texas Instruments 5962-0254601VPA Datasheet HTML 5Page - Texas Instruments 5962-0254601VPA Datasheet HTML 6Page - Texas Instruments 5962-0254601VPA Datasheet HTML 7Page - Texas Instruments 5962-0254601VPA Datasheet HTML 8Page - Texas Instruments 5962-0254601VPA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
2
3
10
9
8
4
5
7
6
N/C
+VCC
VOUT
N/C
N/C
N/C
N/C
VNON-INV
-VCC
VINV
1
2
3
8
4
7
N/C
+VCC
VOUT
N/C
N/C
VNON-INV
-VCC
VINV
6
5
LMH6702QML
www.ti.com
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Check for Samples: LMH6702QML
1
FEATURES
DESCRIPTION
The LMH6702 is a very wideband, DC coupled
2
VS = ±5V, TA = 25°C, AV = +2V/V, RL = 100Ω,
monolithic operational amplifier designed specifically
VOUT = 2VPP, Typical Unless Noted:
for wide dynamic range systems requiring exceptional
Available with Radiation Ensurance
signal fidelity. Benefitting from TI's current feedback
High Dose Rate 300 krad(Si)
architecture, the LMH6702 offers unity gain stability at
exceptional
speed
without
need
for
external
ELDRS Free 300 krad(Si)
compensation.
−3dB Bandwidth (VOUT = 0.2 VPP) 720 MHz
With its 720MHz bandwidth (AV = 2V/V, VO = 2VPP),
Low Noise 1.83nV/
√Hz
10-bit distortion levels through 60MHz (RL = 100Ω),
Fast Settling to 0.1% 13.4ns
1.83nV/
√Hz input referred noise and 12.5mA supply
Fast Slew Rate 3100V/
μs
current, the LMH6702 is the ideal driver or buffer for
high-speed flash A/D and D/A converters.
Supply Current 12.5mA
Wide dynamic range systems such as radar and
Output Current 80mA
communication
receivers,
requiring
a
wideband
Low Intermodulation Distortion (75MHz)
amplifier offering exceptional signal purity, will find the
−67dBc
LMH6702's low input referred noise and low harmonic
Improved Replacement for CLC409 and
and intermodulation distortion make it an attractive
CLC449
high speed solution.
The LMH6702 is constructed using TI's VIP10
APPLICATIONS
complimentary
bipolar
process
and
TI's
proven
Flash A/D Driver
current feedback architecture.
D/A transimpedance Buffer
Wide Dynamic Range IF Amp
Radar/Communication Receivers
Line Driver
High Resolution Video
Connection Diagrams
Figure 1. 8-Lead CDIP (NAB)
Figure 2. 10-Lead CLGA (NAC)
Top View
Top View
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962-0254601VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-0254601VPA TI-5962-0254601VPA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
5962-0254601VPA TI1-5962-0254601VPA Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - 5962-0254601VPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com