Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5910 Datasheet(PDF) 8 Page - Texas Instruments

Part # LP5910
Description  300-mA Low-Noise, Low-IQ LDO
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5910 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP5910_17 Datasheet HTML 4Page - Texas Instruments LP5910_17 Datasheet HTML 5Page - Texas Instruments LP5910_17 Datasheet HTML 6Page - Texas Instruments LP5910_17 Datasheet HTML 7Page - Texas Instruments LP5910_17 Datasheet HTML 8Page - Texas Instruments LP5910_17 Datasheet HTML 9Page - Texas Instruments LP5910_17 Datasheet HTML 10Page - Texas Instruments LP5910_17 Datasheet HTML 11Page - Texas Instruments LP5910_17 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
10M
D011
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
1M
10M
D012
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
D009
125°C
85°C
25°C
-40°C
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
D010
125°C
85°C
25°C
-40°C
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
D007
125°C
85°C
25°C
-40°C
VIN (V)
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
D008
125°C
85°C
25°C
-40°C
8
LP5910
SNVSA91D – SEPTEMBER 2015 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LP5910
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise stated: VOUT = 1.8 V, VIN = VOUT + 0.5 V, VEN = VIN, IOUT = 1 mA, CIN = 1 µF, COUT = 1 µF, TJ = 25°C.
VOUT = 0.8 V
VEN = VIN
No load
Figure 7. IQ vs VIN
VOUT = 1.2 V
VEN = VIN
No load
Figure 8. IQ vs VIN
VOUT = 1.8 V
VEN = VIN
No load
Figure 9. IQ vs VIN
VOUT = 2.3 V
VEN = VIN
No load
Figure 10. IQ vs VIN
VOUT = 0.8 V
VIN = 1.3 V
IOUT = 20 mA
Figure 11. PSRR vs Frequency
VOUT = 1.8 V
VIN = 2.3 V
IOUT = 20 mA
Figure 12. PSRR vs Frequency


Similar Part No. - LP5910_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910-1.0DRVR TI1-LP5910-1.0DRVR Datasheet
1Mb / 29P
[Old version datasheet]   LP5910 300-mA Ultra-Low-Noise LDO for RF and Analog Circuits - Requires No Bypass Capacitor
LP5910-1.0DRVR TI1-LP5910-1.0DRVR Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910-1.0DRVR TI1-LP5910-1.0DRVR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.0DRVR TI1-LP5910-1.0DRVR Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910-1.0DRVR TI-LP5910-1.0DRVR Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
More results

Similar Description - LP5910_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
[Old version datasheet]   LP5910 300-mA Low-Noise, Low-IQ LDO
TPS7A20 TI-TPS7A20_V06 Datasheet
7Mb / 42P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V07 Datasheet
8Mb / 44P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI1-TPS7A20_V04 Datasheet
641Kb / 28P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
TPS7A20 TI-TPS7A20_V16 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
REVISED MAY 2022
TPS7A20 TI-TPS7A20_V14 Datasheet
8Mb / 57P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
MAY 2022
TPS7A20 TI-TPS7A20_V05 Datasheet
910Kb / 31P
[Old version datasheet]   TPS7A20 300-mA, Ultra-Low-Noise, Low-IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com