Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP87524B-Q1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP87524B-Q1
Description  4-A 2.5-A Two 1.5-A Buck Converters with Integrated Switches
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP87524B-Q1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP87524B-Q1 Datasheet HTML 4Page - Texas Instruments LP87524B-Q1 Datasheet HTML 5Page - Texas Instruments LP87524B-Q1 Datasheet HTML 6Page - Texas Instruments LP87524B-Q1 Datasheet HTML 7Page - Texas Instruments LP87524B-Q1 Datasheet HTML 8Page - Texas Instruments LP87524B-Q1 Datasheet HTML 9Page - Texas Instruments LP87524B-Q1 Datasheet HTML 10Page - Texas Instruments LP87524B-Q1 Datasheet HTML 11Page - Texas Instruments LP87524B-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 71 page
background image
8
LP87524B-Q1
SNVSAW2 – APRIL 2017
www.ti.com
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the junction temperature range –40°C
≤ TJ ≤ +140°C, CPOL = 22 µF / phase, specified VVANA, VVIN_Bx , VNRST,
VVOUT_Bx and IOUT range, unless otherwise noted. Typical values are at TJ = 25°C, VVANA = VVIN_Bx = 3.7 V, and VOUT = 1 V,
unless otherwise noted.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
monitoring for PGOOD
pin
Overvoltage monitoring (compared to DC
output voltage level, VVOUT_DC)
39
50
64
mV
Undervoltage monitoring (compared to DC
output voltage level, VVOUT_DC)
–53
–40
–29
Debounce time during regulator enable
PGOOD_SET_DELAY = 0
4
10
µs
Debounce time during regulator enable
PGOOD_SET_DELAY = 1
10
11
13
ms
Deglitch time during operation and after
voltage change
4
10
µs
Powergood threshold
for interrupt
BUCKx_PG_INT,
difference from final
voltage
Rising ramp voltage, enable or voltage
change
–20
–14
–8
mV
Falling ramp voltage, voltage change
8
14
20
Powergood threshold
for status bit
BUCKx_PG_STAT
During operation, status signal is forced to
'0' during voltage change
–20
–14
–8
mV
EXTERNAL CLOCK AND PLL
External input clock
Nominal frequency
1
24
MHz
Nominal frequency step size
1
Required accuracy from nominal frequency
–30%
10%
External clock
detection
Delay for missing clock detection
1.8
µs
Delay and debounce for clock detection
20
Clock change delay
(internal to external)
Delay from valid clock detection to use of
external clock
600
µs
PLL output clock jitter
Cycle to cycle
300
ps, p-p
PROTECTION FUNCTIONS
Thermal warning
Temperature rising, TDIE_WARN_LEVEL =
0
115
125
135
°C
Temperature rising, TDIE_WARN_LEVEL =
1
127
137
147
Hysteresis
20
Thermal shutdown
Temperature rising
140
150
160
°C
Hysteresis
20
VANAOVP
VANA overvoltage
Voltage rising
5.6
5.8
6.1
V
Voltage falling
5.45
5.73
5.96
Hysteresis
40
mV
VANAUVLO
VANA undervoltage
lockout
Voltage rising
2.51
2.63
2.75
V
Voltage falling
2.5
2.6
2.7
LOAD CURRENT MEASUREMENT
Current measurement
range
Output current for maximum code
20.47
A
Resolution
LSB
20
mA
Measurement accuracy IOUT > 1 A
<10%
Measurement time
PFM mode (automatically changing to PWM
mode for the measurement)
45
µs
PWM mode
4
CURRENT CONSUMPTION


Similar Part No. - LP87524B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1 Datasheet
1Mb / 74P
[Old version datasheet]   Four 4-MHz Buck Converters for AWR and IWR MMICs
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
LP87524B-Q1 TI1-LP87524B-Q1_18 Datasheet
1Mb / 74P
[Old version datasheet]   Four 4-MHz Buck Converters for AWR and IWR MMICs
More results

Similar Description - LP87524B-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP87524B-Q1 TI1-LP87524B-Q1_17 Datasheet
1Mb / 73P
[Old version datasheet]   4-A 2.5-A Two 1.5-A Buck Converters With Integrated Switches
TPS54290 TI-TPS54290 Datasheet
1Mb / 33P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_15 Datasheet
1Mb / 37P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI-TPS54290_1 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
TPS54290 TI1-TPS54290_12 Datasheet
1Mb / 35P
[Old version datasheet]   1.5-A/2.5-A Dual, Fully-Synchronous Buck Converter With Integrated MOSFET
LP87521-Q1 TI1-LP87521-Q1 Datasheet
2Mb / 97P
[Old version datasheet]   10-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1 Datasheet
2Mb / 95P
[Old version datasheet]   16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_19 Datasheet
2Mb / 95P
[Old version datasheet]   16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_18 Datasheet
2Mb / 95P
[Old version datasheet]   16-A Buck Converter With Integrated Switches
LP87561-Q1 TI1-LP87561-Q1_V01 Datasheet
2Mb / 96P
[Old version datasheet]   16-A Buck Converter With Integrated Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com