Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6702WGFQMLV Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6702WGFQMLV
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6702WGFQMLV Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6702WGFQMLV Datasheet HTML 3Page - Texas Instruments LMH6702WGFQMLV Datasheet HTML 4Page - Texas Instruments LMH6702WGFQMLV Datasheet HTML 5Page - Texas Instruments LMH6702WGFQMLV Datasheet HTML 6Page - Texas Instruments LMH6702WGFQMLV Datasheet HTML 7Page - Texas Instruments LMH6702WGFQMLV Datasheet HTML 8Page - Texas Instruments LMH6702WGFQMLV Datasheet HTML 9Page - Texas Instruments LMH6702WGFQMLV Datasheet HTML 10Page - Texas Instruments LMH6702WGFQMLV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
-1.5
1.5
VOUT (V)
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
PAL
RF = 237:
RL = 150:
DG
DP
0
0.6
1.2
-0.009
-0.006
-0.003
0
0.003
0.006
0.009
-1.2
-0.6
-0.9
-0.3
0.3
0.9
-1.5
1.5
VOUT (V)
-0.03
-0.02
-0.01
0
0.01
0.02
0.03
NTSC
RF = 237:
RL = 150:
DG
DP
0
0.6
1.2
-0.6
-1.2
-0.006
-0.004
-0.002
0
0.002
0.004
0.006
0.3
0.9
-0.3
-0.9
10k
1M
10M
100M
1G
FREQUENCY (Hz)
20
30
50
70
90
100
100k
VS = ±5V
RL = 100:
MAG
PHASE
40
80
60
110
120
20
40
80
120
160
180
60
140
100
200
220
1
10
1000
100
1k
10k
100k
1M
FREQUENCY (Hz)
100
10M
INVERTING CURRENT
VOLTAGE
NON-INVERTING
CURRENT
0
10
20
30
40
70
50
60
-55
-45
-35
-25
-15
15
-5
5
1k
10k
100k
1M
10M
FREQUENCY (Hz)
100M
+ PSRR
- PSRR
RO
CMRR
VS = ±5V
RL = 100:
LMH6702QML
www.ti.com
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
(TA = 25°C, VS = ±5V, RL = 100Ω, RF = 237Ω; Unless Specified).
Noise
CMRR, PSRR, ROUT
Figure 16.
Figure 17.
Transimpedance
DG/DP (NTSC)
Figure 18.
Figure 19.
DG/DP (PAL)
Figure 20.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6702QML


Similar Part No. - LMH6702WGFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702WGFQMLV TI1-LMH6702WGFQMLV Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702WGFQMLV TI-LMH6702WGFQMLV Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702WGFQMLV TI1-LMH6702WGFQMLV Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - LMH6702WGFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
5962F0254601VZA TI-5962F0254601VZA Datasheet
367Kb / 16P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com