Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ONET8531T Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ONET8531T
Description  11.3 Gbps Limiting Transimpedance Amplifier With RSSI
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8531T Datasheet(HTML) 4 Page - Texas Instruments

  ONET8531T Datasheet HTML 1Page - Texas Instruments ONET8531T Datasheet HTML 2Page - Texas Instruments ONET8531T Datasheet HTML 3Page - Texas Instruments ONET8531T Datasheet HTML 4Page - Texas Instruments ONET8531T Datasheet HTML 5Page - Texas Instruments ONET8531T Datasheet HTML 6Page - Texas Instruments ONET8531T Datasheet HTML 7Page - Texas Instruments ONET8531T Datasheet HTML 8Page - Texas Instruments ONET8531T Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
ONET8531T
SLLS891B
– FEBRUARY 2008 – REVISED AUGUST 2011
www.ti.com
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VCC_IN, VCC_OUT
Supply voltage(2)
–0.3 to 4.0
V
VFILTER1, VFILTER2, VOUT+, VOUT–,
Voltage at FILTER1, FILTER2, OUT+, OUT
–, RSSI_IB, RSSI_EB(2)
–0.3 to 4.0
V
VRSSI_IB, VRSSI_EB
IIN
Current into IN
–0.7 to 3.5
mA
IFILTER
Current into FILTER1, FILTER2
–8 to 8
mA
IOUT+, IOUT–
Continuous current at outputs
–8 to 8
mA
ESD rating at all pins except input IN, RSSI_IB and RSSI_EB
2
kV
ESD
ESD rating at RSSI_IB and RSSI_EB
1
(HBM)(3)
ESD rating at input IN
0.5
TJ,max
Maximum junction temperature
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
Human Body Model
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.97
3.3
3.63
V
TA
Operating backside die temperature
–40
100(1)
°C
LFILTER, LIN
Wire-bond inductor at pins FILTER1, FILTER2, and IN
0.3
0.5
nH
CPD
Photodiode Capacitance
0.2
pF
(1)
105
°C maximum junction temperature
DC ELECTRICAL CHARACTERISTICS
over recommended operating conditions (unless otherwise noted). Typical values are at VCC = 3.3 V and TA = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.97
3.3
3.63
V
Input current IIN < 1500 μAP-P
21
28
41(1)
mA
IVCC
Supply current
Input current IIN < 2500 μAP-P
44(1)
VIN
Input bias voltage
0.75
0.85
0.98
V
ROUT
Output resistance
Single-ended to VCC
40
50
60
RFILTER
Photodiode filter resistance
220
(1)
Includes RSSI current
4
Copyright
© 2008–2011, Texas Instruments Incorporated


Similar Part No. - ONET8531T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8531TY TI-ONET8531TY Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531TY TI1-ONET8531TY Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8531TYS TI-ONET8531TYS Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
More results

Similar Description - ONET8531T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8551T TI1-ONET8551T Datasheet
483Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier With RSSI
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI-ONET8531T Datasheet
387Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8501T TI-ONET8501T Datasheet
396Kb / 15P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8521T TI1-ONET8521T Datasheet
498Kb / 16P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier With RSSI
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
[Old version datasheet]   11.3-Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
[Old version datasheet]   11.3 Gbps Limiting Transimpedance Amplifier
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
[Old version datasheet]   11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
ONET1191P TI-ONET1191P Datasheet
538Kb / 15P
[Old version datasheet]   11.3-Gbps Limiting Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com