Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPAx348 Datasheet(PDF) 6 Page - Texas Instruments

Part # OPAx348
Description  Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPAx348 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPAx348 Datasheet HTML 2Page - Texas Instruments OPAx348 Datasheet HTML 3Page - Texas Instruments OPAx348 Datasheet HTML 4Page - Texas Instruments OPAx348 Datasheet HTML 5Page - Texas Instruments OPAx348 Datasheet HTML 6Page - Texas Instruments OPAx348 Datasheet HTML 7Page - Texas Instruments OPAx348 Datasheet HTML 8Page - Texas Instruments OPAx348 Datasheet HTML 9Page - Texas Instruments OPAx348 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
OPA349, 2349
6
SBOS121B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, and RL = 1MΩ connected to VS/2, unless otherwise noted.
–55
–35
–15
0 5
25
45
65
85
Temperature (
°C)
SHORT-CIRCUIT CURRENT vs TEMPERATURE
15
10
5
0
–5
–10
–15
V
S = +5.5V
V
S = +5.5V
V
S = +2.5V
V
S = +2.5V
V
S = +1.8V
Single version operation
below 0
°C is not recommended.
OPA2349
OPA349
–75
–50
–25
0
25
50
75 85
Temperature (
°C)
QUIESCENT CURRENT vs TEMPERATURE
3.0
2.5
2.0
1.5
1.0
0.5
0.0
INPUT BIAS CURRENT vs TEMPERATURE
–75
Temperature (
°C)
–50
–25
0
25
50
75 85
10k
1k
100
10
1
0.1
Single version operation
below 0
°C is not recommended.
INPUT VOLTAGE NOISE DENSITY
Frequency (Hz)
1000
400
100
10
100
1k
10k
CHANNEL SEPARATION vs FREQUENCY
Frequency (Hz)
100
90
80
70
60
50
40
30
20
10
0
10
100
1k
10k
100k
12
10
8
6
4
2
1.4
1.2
1.0
0.8
0.6
0.4
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
QUIESCENT AND SHORT-CIRCUIT
vs SUPPLY VOLTAGE
Supply Voltage (V)
I
Q
I
SC at –40°C
(dual version only)
I
SC at 25°C
I
SC at 125°C


Similar Part No. - OPAx348

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPAX348 BURR-BROWN-OPAX348 Datasheet
237Kb / 12P
   1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPAx348 TI1-OPAx348 Datasheet
1Mb / 29P
[Old version datasheet]   1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPAx348

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA349SA TI-OPA349SA Datasheet
1Mb / 23P
[Old version datasheet]   1A, Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA354AIDBVRG4 TI1-OPA354AIDBVRG4 Datasheet
1Mb / 32P
[Old version datasheet]   250MHz, Rail-to-Rail I/O, CMOS OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com