Electronic Components Datasheet Search |
|
MC79L05ACDRE4 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
MC79L05ACDRE4 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 16 page 1 2 3 4 8 7 6 5 OUTPUT INPUT† INPUT† NC NC INPUT† INPUT† COMMON D PACKAGE (TOP VIEW) NC − No internal connection LP PACKAGE (TOP VIEW) † Internally connected OUTPUT INPUT COMMON MC79L00 SERIES NEGATIVEVOLTAGE REGULATORS SLVS011D − OCTOBER 1982 − REVISED AUGUST 2003 1 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 D 3-Terminal Regulators D Output Current Up To 100 mA D No External Components Required D Internal Thermal-Overload Protection D Internal Short-Circuit Current Limiting D Direct Replacement for Industry-Standard MC79L00 Series D Available in 5% or 10% Selections description/ordering information This series of fixed negative-voltage integrated-circuit voltage regulators is designed for a wide range of applications. These include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they can be used to control series pass elements to make high-current voltage-regulator circuits. One of these regulators can deliver up to 100 mA of output current. The internal current-limiting and thermal-shutdown features essentially make the regulators immune to overload. When used as a replacement for a Zener-diode and resistor combination, these devices can provide an effective improvement in output impedance of two orders of magnitude, with lower bias current. ORDERING INFORMATION TJ OUTPUT VOLTAGE TOLERANCE NOMINAL OUTPUT VOLTAGE (V) PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING SOIC (D) Tube of 75 MC79L05ACD 79L05A −5 SOIC (D) Reel of 2500 MC79L05ACDR 79L05A −5 TO-226 / TO-92 (LP) Bulk of 1000 MC79L05ACLP 79L05AC TO-226 / TO-92 (LP) Reel of 2000 MC79L05ACLPR 79L05AC SOIC (D) Tube of 75 MC79L12ACD 79L12A 5% −12 SOIC (D) Reel of 2500 MC79L12ACDR 79L12A 0 °C to 125°C 5% −12 TO-226 / TO-92 (LP) Bulk of 1000 MC79L12ACLP 79L12AC 0 C to 125 C TO-226 / TO-92 (LP) Reel of 2000 MC79L12ACLPR 79L12AC Bulk of 1000 MC79L15ACLP −15 TO-226 / TO-92 (LP) Ammo of 2000 MC79L15ACLPM 79L15AC −15 TO-226 / TO-92 (LP) Reel of 2000 MC79L15ACLPR 79L15AC 10% −12 TO-226 / TO-92 (LP) Bulk of 1000 MC79L12CLP 79L12C 10% −15 SOIC (D) Tube of 75 MC79L15CD 79L15C † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. Copyright 2003, Texas Instruments Incorporated Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - MC79L05ACDRE4 |
|
Similar Description - MC79L05ACDRE4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |