Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2981A-29DBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # LP2981A-29DBVT
Description  100-mA Ultra-Low Dropout Regulators With Shutdown
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2981A-29DBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP2981A-29DBVT Datasheet HTML 2Page - Texas Instruments LP2981A-29DBVT Datasheet HTML 3Page - Texas Instruments LP2981A-29DBVT Datasheet HTML 4Page - Texas Instruments LP2981A-29DBVT Datasheet HTML 5Page - Texas Instruments LP2981A-29DBVT Datasheet HTML 6Page - Texas Instruments LP2981A-29DBVT Datasheet HTML 7Page - Texas Instruments LP2981A-29DBVT Datasheet HTML 8Page - Texas Instruments LP2981A-29DBVT Datasheet HTML 9Page - Texas Instruments LP2981A-29DBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Load Current (mA)
0
10
20
30
40
50
60
70
80
90
100
3.2775
3.28
3.2825
3.285
3.2875
3.29
3.2925
3.295
3.2975
3.3
3.3025
3.305
3.3075
3.31
3.3125
3.315
D001
6
LP2981-28, LP2981-29, LP2981-30
LP2981-33, LP2981-50, LP2981A-28
LP2981A-29, LP2981A-30, LP2981A-33, LP2981A-50
SLVS521G – JULY 2004 – REVISED AUGUST 2016
www.ti.com
Product Folder Links: LP2981-28 LP2981-29 LP2981-30 LP2981-33 LP2981-50 LP2981A-28 LP2981A-29 LP2981A-
30 LP2981A-33 LP2981A-50
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
Electrical Characteristics: LP2981A-xx (continued)
at specified free-air temperature range, VIN = VOUT(NOM) + 1 V, VON/OFF = 2 V, CIN = 1 µF, IL = 1 mA, COUT = 4.7 µF
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
(2)
The ON/OFF input must be actively terminated. Connect to VIN if this function is not used (see Application and Implementation).
IGND
Ground pin current
IL = 0
25°C
65
95
µA
–40°C to 125°C
125
IL = 1 mA
25°C
80
110
–40°C to 125°C
170
IL = 25 mA
25°C
200
300
–40°C to 125°C
550
IL = 100 mA
25°C
600
1000
–40°C to 125°C
1700
VON/OFF < 0.3 V (OFF)
25°C
0.01
0.8
VON/OFF < 0.15 V (OFF)
–40°C to 105°C
0.05
2
–40°C to 125°C
5
VON/OFF
ON/OFF input
voltage(2)
High = O/P ON
25°C
1.4
V
–40°C to 125°C
1.6
Low = O/P OFF
25°C
0.5
–40°C to 125°C
0.15
ION/OFF
ON/OFF input
current
VON/OFF = 0
25°C
0.01
µA
–40°C to 125°C
–1
VON/OFF = 5 V
25°C
5
–40°C to 125°C
15
IOUT(PK)
Peak output current
VOUT ≥ VOUT(NOM) – 5%
25°C
150
400
mA
Vn
Output noise voltage
(RMS)
BW = 300 Hz to 50 kHz,
COUT = 10 µF
25°C
160
µV
ΔVOUT/ΔVIN
Ripple rejection
f = 1 kHz, COUT = 10 µF
25°C
63
dB
IOUT(MAX)
Short-circuit current
RL = 0 (steady state)
25°C
150
mA
6.7 Typical Characteristics
Unless otherwise specified: TA = 25°C, VIN = VO(NOM) + 1 V, COUT = 10 µF, CIN = 1 µF all voltage options, ON/OFF pin tied to
VIN.
Figure 1. Load Regulation - LP2981-33


Similar Part No. - LP2981A-29DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981A-29DBVT TI-LP2981A-29DBVT Datasheet
248Kb / 14P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981A-29DBVT TI-LP2981A-29DBVT Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981A-29DBVT TI-LP2981A-29DBVT Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981A-29DBVT TI1-LP2981A-29DBVT Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981A-29DBVT TI1-LP2981A-29DBVT Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
More results

Similar Description - LP2981A-29DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2981 TI-LP2981_08 Datasheet
394Kb / 16P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981_07 Datasheet
267Kb / 15P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI1-LP2981 Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-33DBVR TI1-LP2981-33DBVR Datasheet
600Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
781Kb / 17P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981-29 TI-LP2981-29 Datasheet
248Kb / 14P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
LP2981 TI-LP2981 Datasheet
194Kb / 12P
[Old version datasheet]   100-mA ULTRA-LOW DROPOUT REGULATOR WITH SHUTDOWN
logo
Linear Technology
LT1129CST5-PBF LINER-LT1129CST5-PBF Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121-5 LINER-LT1121-5_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
LT1121 LINER-LT1121_15 Datasheet
274Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com