Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMK61E2-125M00SIAR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMK61E2-125M00SIAR
Description  High-Performance Ultra-Low Jitter Oscillator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61E2-125M00SIAR Datasheet(HTML) 1 Page - Texas Instruments

  LMK61E2-125M00SIAR Datasheet HTML 1Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 2Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 3Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 4Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 5Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 6Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 7Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 8Page - Texas Instruments LMK61E2-125M00SIAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
NC
OUTN
VDD
OE
GND
OUTP
1
6
2
5
4
3
1
2
3
6
5
4
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMK61E0-050M, LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
SNAS676B – OCTOBER 2015 – REVISED MARCH 2017
LMK61XX High-Performance Ultra-Low Jitter Oscillator
1
1 Features
1
Ultra-low Noise, High Performance
Jitter: 90 fs RMS Typical Fout > 100 MHz
PSRR: –70 dBc, Robust Supply Noise
Immunity
Supported Output Format
LVPECL up to 1 GHz
LVDS up to 900 MHz
HCSL up to 400 MHz
Total Frequency Tolerance of ± 50 ppm
(LMK61X2) and ± 25 ppm (LMK61X0)
3.3-V Operating Voltage
Industrial Temperature Range (–40ºC to +85ºC)
7 mm × 5 mm 6-Pin Package, Pin-Compatible
With Industry Standard 7050 XO Package
2 Applications
High-Performance Replacement for Crystal, SAW,
or Silicon-Based Oscillators
Switches, Routers, Network Line Cards, Base
Band Units (BBU), Servers, Storage/SAN
Test and Measurement
Medical Imaging
FPGA, Processor Attach
3 Description
The LMK61XX is an ultra-low jitter oscillator that
generates a commonly used reference clock. The
device is pre-programmed in factory to support any
reference clock frequency; supported output formats
are LVPECL up to 1 GHz, LVDS up to 900 MHz, and
HCSL up to 400 MHz. Internal power conditioning
provide
excellent
power
supply
ripple
rejection
(PSRR), reducing the cost and complexity of the
power delivery network. The device operates from a
single 3.3 V ± 5% supply.
Device Information(1)
PART
NUMBER
OUTPUT FREQ
(MHz) AND
FORMAT
TOTAL FREQ
STABILITY (PPM)
PACKAGE
LMK61A2-
100M00
100 LVDS
± 50
6-pin QFM
(7.0 mm x 5.0
mm)
LMK61A2-
125M00
125 LVDS
± 50
LMK61A2-
156M25
156.25 LVDS
± 50
LMK61A2-
312M50
312.5 LVDS
± 50
LMK61E0-
050M00
50 LVPECL
± 25
LMK61E2-
100M00
100 LVPECL
± 50
LMK61E2-
125M00
125 LVPECL
± 50
LMK61E2-
156M25
156.25 LVPECL
± 50
LMK61E2-
312M50
312.5 LVPECL
± 50
LMK61I2-
100M00
100 HCSL
± 50
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Pinout


Similar Part No. - LMK61E2-125M00SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-125M00SIAR TI1-LMK61E2-125M00SIAR Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E2-125M00SIAR TI1-LMK61E2-125M00SIAR Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61E2-125M00SIAR TI1-LMK61E2-125M00SIAR Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61E2-125M00SIAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com