Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC1011-350 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STAC1011-350
Description  Excellent thermal stability
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC1011-350 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STAC1011-350 Datasheet HTML 2Page - STMicroelectronics STAC1011-350 Datasheet HTML 3Page - STMicroelectronics STAC1011-350 Datasheet HTML 4Page - STMicroelectronics STAC1011-350 Datasheet HTML 5Page - STMicroelectronics STAC1011-350 Datasheet HTML 6Page - STMicroelectronics STAC1011-350 Datasheet HTML 7Page - STMicroelectronics STAC1011-350 Datasheet HTML 8Page - STMicroelectronics STAC1011-350 Datasheet HTML 9Page - STMicroelectronics STAC1011-350 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Typical performances
STAC1011-350
6/14
DocID022043 Rev 6
4
Typical performances
Figure 3. Output power vs gain and supply
voltage @ 1030 MHz
Figure 4. Output power and efficiency vs
frequency - broadband data
Figure 5. Output power vs gain and supply
voltage @ 1060 MHz
Figure 6. Gain and input return loss vs
frequency - broadband data
10
11
12
13
14
15
16
17
18
19
20
0
50
100 150 200 250 300 350 400 450
Output power (W)
Vdd = 32V
Vdd = 36V
Broadband data
IDQ= 150mA
Pulse width = 50 µsec
Duty cycle = 2%
AM10111V1
40
42
44
46
48
50
52
54
56
58
60
320
330
340
350
360
370
380
390
400
410
420
1020 1030 1040 1050 1060 1070 1080 1090 1100
Frequency (MHz)
Pout
Efficiency
VDD= 36V IDQ = 150mA
PIN= 15W
Pulse width = 50 μsec
Duty cycle = 2%
AM10112V1
10
11
12
13
14
15
16
17
18
19
20
0
50
100 150 200 250 300 350 400 450
Output power
Vdd = 32V
Vdd = 36V
Broadband data
IDQ = 150mA
Pulse width = 50 μsec
Duty cycle = 2%
AM10113V1
-26
-22
-18
-14
-10
-6
10
11
12
13
14
15
16
17
18
19
20
1020
1030
1040
1050
1060
1070
1080
1090
1100
Frequency (MHz)
Gain
IRL
VDD= 36V IDQ = 150mA
POUT = 350W
Pulse width = 50 μsec
Duty cycle = 2%
AM10114V1


Similar Part No. - STAC1011-350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC1011-500 STMICROELECTRONICS-STAC1011-500 Datasheet
490Kb / 9P
   500 W, 50 V, 700 to 1200 MHz RF power LDMOS transistor
October 2019 Rev 3
More results

Similar Description - STAC1011-350

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com