Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC9148S Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SC9148S
Description  FOR INFRARED REMOTE CONTROL TRANSMITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC9148S Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SC9148S Datasheet HTML 1Page - List of Unclassifed Manufacturers SC9148S Datasheet HTML 2Page - List of Unclassifed Manufacturers SC9148S Datasheet HTML 3Page - List of Unclassifed Manufacturers SC9148S Datasheet HTML 4Page - List of Unclassifed Manufacturers SC9148S Datasheet HTML 5Page - List of Unclassifed Manufacturers SC9148S Datasheet HTML 6Page - List of Unclassifed Manufacturers SC9148S Datasheet HTML 7Page - List of Unclassifed Manufacturers SC9148S Datasheet HTML 8Page - List of Unclassifed Manufacturers SC9148S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Silan
Semiconductors
SC9148B
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 2.1
2002.09.10.
5
Data of C1 , C2 and C3 code bit become “1” when diodes are connected to CODE Terminal through Timing
Signal Terminals T1 ~T3, and ‘0’ when not connected . (In the above diagram , C1 , C2 and C3 are “1” , “1” and “1”
data . )
The SC9148P has 3 code bits . However , the SC9149P that is a receiving IC ( DIP 16 PIN ) and the SC9150P
(DIP 24 PIN ) are able to use only C2 and C3 , and C1 and C2 2 code bits , respectively .
Therefore , diodes must be connected so that code bit data of the SC9148P agreement with the receiving IC .
Note : For C3 and C1 code bit data not used on the SC9150P and SC9149P , it is necessary to transmit ‘1’ and
diodes must be so connected .
6. TRANSMITTING WAVEFORM
6.1 BASIC TRANSMITTING WAVEFORM (at fosc=455kHz)
a
3a
48a
C1
C2
C3
H
S1S2K1K2
K3K4K5K6
C1~C3: CODE BIT READER
H,S1,S2: HOLD/SINGLE PULSE READER
K1~K6:
KEY INPUT READER
Basic transmitting waveform is 12-bits serial data in configuration as shown above.
The time of each bit “ a” is decided as shown below by oscillation frequency fosc by means of XT and non-XT.
a=(1/fosc)
×192(sec)
6.2 DISTINCTION OF BIT “0” AND “1”
a
3a
BIT "0"
BIT "1"
0
1
01
0
0
1
0
01
0
0
One word of the above transmission command is in the configuration of (010100100100).


Similar Part No. - SC9148S

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9148S SILAN-SC9148S Datasheet
204Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER USED TOGETHER
More results

Similar Description - SC9148S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9148P TOSHIBA-TC9148P Datasheet
636Kb / 10P
   FOR INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com