Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2200UFH-233 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC2200UFH-233
Description  Thin Client On a Chip
Download  433 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC2200UFH-233 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  SC2200UFH-233 Datasheet HTML 1Page - National Semiconductor (TI) SC2200UFH-233 Datasheet HTML 2Page - National Semiconductor (TI) SC2200UFH-233 Datasheet HTML 3Page - National Semiconductor (TI) SC2200UFH-233 Datasheet HTML 4Page - National Semiconductor (TI) SC2200UFH-233 Datasheet HTML 5Page - National Semiconductor (TI) SC2200UFH-233 Datasheet HTML 6Page - National Semiconductor (TI) SC2200UFH-233 Datasheet HTML 7Page - National Semiconductor (TI) SC2200UFH-233 Datasheet HTML 8Page - National Semiconductor (TI) SC2200UFH-233 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 433 page
background image
Revision 3.0
3
www.national.com
Core Logic Module
s Audio Codec Interface:
— AC97/AMC97 (Rev. 2.0) codec interface
— Legacy audio emulation using XpressAUDIO
— Six DMA channels
s PC/AT Functionality:
— Programmable Interrupt Controller (PIC),
8259A-equivalent
— Programmable Interval Timer (PIT), 8254-equivalent
— DMA Controller (DMAC), 8237-equivalent
s Power Management:
— ACPI 1.0 compliant
— Sx state control of three power planes
— Cx/Sx state control of clocks and PLLs
— Thermal event input
— Wakeup event support:
– Three general-purpose events
– AC97 codec event
– UART2 RI# signal
–Infrared (IR) event
s General Purpose I/Os (GPIOs):
— 27 multiplexed GPIO signals
s Low Pin Count (LPC) Bus Interface:
— Specification version 1.0 compatible
s PCI Bus Interface:
— PCI version 2.1 compliant with wakeup capability
— 32-Bit data path, up to 33 MHz
— Glueless interface for an external PCI device
— Fixed priority
— 3.3V signal support only
s Sub-ISA Bus Interface:
— Up to16MBaddressing
— Supports a chip select for ROM or Flash EPROM
boot device
— Supports either:
– M-Systems DiskOnChip DOC2000 Flash file
system
– NAND EEPROM
— Supports up to two chip selects for external I/O
devices
— 8-Bit (optional 16-bit) data bus width
— Shares balls with PCI signals
— Is not a subtractive agent
s IDE Interface:
— Two IDE channels for up to four external IDE devices
— Supports ATA-33 synchronous DMA mode transfers,
up to 33 MB/s
s Universal Serial Bus (USB):
— USB OpenHCI 1.0 compliant
— Three ports
SuperI/O Module
s Real-Time Clock (RTC):
— DS1287, MC146818 and PC87911 compatible
— Multi-century calendar
s ACCESS.bus (ACB) Interface:
— Two ACB interface ports
s Parallel Port:
— EPP 1.9 compliant
— IEEE 1284 ECP compliant, including level 2
s Serial Port (UART):
— UART1, 16550A compatible (SIN, SOUT, BOUT
pins), used for SmartCard interface
— UART2, 16550A compatible
— Enhanced UART with fast Infrared (IR)
Other Features
s High-Resolution Timer:
— 32-Bit counter with 1
µs count interval
s WATCHDOG Timer:
— Interfaces to INTR, SMI, Reset
s Clocks:
— Input (external crystals):
– 32.768 KHz (internal clock oscillator)
– 27 MHz (internal clock oscillator)
—Output:
– AC97clock (24.576MHz)
– Memory controller clock (66 MHz to 100 MHz)
– PCI clock (33 MHz)
s JTAG Testability:
— Bypass, Extest, Sample/Preload, IDcode, Clamp, HiZ
s Voltages
— Internal logic: 233/266 MHz @ 1.8V and
300 MHz @ 2.0V
— Battery: 3V
— I/O: 3.3V
— Standby: 3.3V


Similar Part No. - SC2200UFH-233

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
SC2200-EVK MAXIM-SC2200-EVK Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
SC2200-EVK1900 MAXIM-SC2200-EVK1900 Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
SC2200-EVK2400 MAXIM-SC2200-EVK2400 Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
SC2200-EVK900 MAXIM-SC2200-EVK900 Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
More results

Similar Description - SC2200UFH-233

ManufacturerPart #DatasheetDescription
logo
NEC
US110 NEC-US110 Datasheet
452Kb / 2P
   Thin Client Terminals
logo
Toshiba Semiconductor
MQ01ACFXXX TOSHIBA-MQ01ACFXXX Datasheet
586Kb / 2P
   CLIENT MOBILE THIN HDD
Rev. 00
logo
Advantech Co., Ltd.
C-UNO-2173A ADVANTECH-C-UNO-2173A Datasheet
73Kb / 1P
   High Performance ACP Thin Client
logo
Toshiba Semiconductor
MQ02ABXXXXH TOSHIBA-MQ02ABXXXXH Datasheet
320Kb / 2P
   CLIENT MOBILE & MOBILE THIN HDD
logo
Advantech Co., Ltd.
TPC-2000 ADVANTECH-TPC-2000 Datasheet
607Kb / 2P
   Modular Industrial Thin-Client Panel Computer
5-Jan-2021
TPC-1751T-E3AE ADVANTECH-TPC-1751T-E3AE Datasheet
587Kb / 2P
   17" TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1251T-E3AE ADVANTECH-TPC-1251T-E3AE Datasheet
564Kb / 2P
   12.1" TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-1551T-E3AE ADVANTECH-TPC-1551T-E3AE Datasheet
603Kb / 2P
   15" XGA TFT LED LCD Intel짰 Atom??Thin Client Terminal
TPC-651T-E3AE ADVANTECH-TPC-651T-E3AE Datasheet
560Kb / 2P
   5.7"/6.5" TFT LED LCD Intel짰 Atom??Thin Client Terminals
TPC-1051WP-E3AE ADVANTECH-TPC-1051WP-E3AE Datasheet
1Mb / 2P
   10.1" WXGA TFT LED LCD Intel짰 Atom??Thin Client Terminal
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com