Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC2943 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STAC2943
Description  Excellent thermal stability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC2943 Datasheet(HTML) 1 Page - STMicroelectronics

  STAC2943 Datasheet HTML 1Page - STMicroelectronics STAC2943 Datasheet HTML 2Page - STMicroelectronics STAC2943 Datasheet HTML 3Page - STMicroelectronics STAC2943 Datasheet HTML 4Page - STMicroelectronics STAC2943 Datasheet HTML 5Page - STMicroelectronics STAC2943 Datasheet HTML 6Page - STMicroelectronics STAC2943 Datasheet HTML 7Page - STMicroelectronics STAC2943 Datasheet HTML 8Page - STMicroelectronics STAC2943 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2012
Doc ID 022675 Rev 1
1/12
12
STAC2943
RF power transistor:
HF/VHF/UHF RF power N-channel MOSFETs
Features
High power capability
POUT = 350 W min. with 22dB gain @ 30 MHz
PSAT = 450 W
Low RDS(on)
STAC air cavity packaging technology -
STAC® package
Gold metallization
Excellent thermal stability
Common source configuration
Description
The STAC2943 is a gold metallized N-channel
MOS field-effect RF power transistor, intended for
use in 50 V dc large signal applications up to 150
MHz. This device offers a 20% higher power
saturation than the SD2933, and is ideal for ISM
applications where reliability and ruggedness are
critical factors.
Figure 1.
Pin connection
STAC177B
1 (drain)
2 (source)
3 (gate)
4 (source)
5 (source) on
backside
Table 1.
Device summary
Order code
Marking
Base qty.
Package
Packaging(1)
STAC2943
STAC2943(1)
25 pcs
STAC177B
Plastic tray
1.
For more details please refer to Chapter 6: Marking, packing and shipping specifications..
www.st.com


Similar Part No. - STAC2943

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC2942B STMICROELECTRONICS-STAC2942B Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
STAC2942BW STMICROELECTRONICS-STAC2942BW Datasheet
580Kb / 16P
   HF/VHF/UHF RF power N-channel MOSFETs
January 2014 Rev 7
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
More results

Similar Description - STAC2943

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
   Excellent thermal stability
September 2010 Rev 3
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com