Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STAC4932F Datasheet(PDF) 6 Page - STMicroelectronics

Part # STAC4932F
Description  Excellent thermal stability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAC4932F Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STAC4932F Datasheet HTML 2Page - STMicroelectronics STAC4932F Datasheet HTML 3Page - STMicroelectronics STAC4932F Datasheet HTML 4Page - STMicroelectronics STAC4932F Datasheet HTML 5Page - STMicroelectronics STAC4932F Datasheet HTML 6Page - STMicroelectronics STAC4932F Datasheet HTML 7Page - STMicroelectronics STAC4932F Datasheet HTML 8Page - STMicroelectronics STAC4932F Datasheet HTML 9Page - STMicroelectronics STAC4932F Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Typical performances
STAC4932F
6/12
Doc ID 17158 Rev 3
4
Typical performances
Figure 3.
Maximum safe operating area
Figure 4.
Transient thermal impedance


Similar Part No. - STAC4932F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC4932F1MR STMICROELECTRONICS-STAC4932F1MR Datasheet
474Kb / 16P
   350 W 50 V HF/VHF DMOS in STAC moisture-resistant flangeless package
April 2020 Rev 2
More results

Similar Description - STAC4932F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
   Excellent thermal stability
January 2013 Rev 1
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
   Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
   Excellent thermal stability
April 2014 Rev 3
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
   Excellent thermal stability
October 2011 Rev 3
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
   Excellent thermal stability
January 2012 Rev 1
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
   Excellent thermal stability
January 2012 Rev 1
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
   Excellent thermal stability
January 2014 Rev 7
STAC4933 STMICROELECTRONICS-STAC4933 Datasheet
398Kb / 12P
   Excellent thermal stability
May 2017 Rev 2
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
   Excellent thermal stability
May 2013 Rev 1
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
   Excellent thermal stability
May 2012 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com