Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF6N52K3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STF6N52K3
Description  Extremely high dv/dt capability
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N52K3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STF6N52K3 Datasheet HTML 2Page - STMicroelectronics STF6N52K3 Datasheet HTML 3Page - STMicroelectronics STF6N52K3 Datasheet HTML 4Page - STMicroelectronics STF6N52K3 Datasheet HTML 5Page - STMicroelectronics STF6N52K3 Datasheet HTML 6Page - STMicroelectronics STF6N52K3 Datasheet HTML 7Page - STMicroelectronics STF6N52K3 Datasheet HTML 8Page - STMicroelectronics STF6N52K3 Datasheet HTML 9Page - STMicroelectronics STF6N52K3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Electrical characteristics
STB6N52K3, STD6N52K3, STF6N52K3, STP6N52K3
6/22
Doc ID 14994 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for TO-220,
D²PAK
Figure 3.
Thermal impedance for TO-220,
D²PAK
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for DPAK
Figure 7.
Thermal impedance for DPAK
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM08853v1
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM08854v1
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
Oper
ation
in
thi
s
are
a i
s
Limited
by
m
ax
R
D
S
(on)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM08855v1


Similar Part No. - STF6N52K3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF6N52K3 STMICROELECTRONICS-STF6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
More results

Similar Description - STF6N52K3

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF7N60 SILIKRON-SSF7N60 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
SSF2715 SILIKRON-SSF2715 Datasheet
452Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
   Extremely high dv/dt capability
March 2012 Rev 3
logo
Silikron Semiconductor ...
SSF8N60 SILIKRON-SSF8N60 Datasheet
440Kb / 6P
   Extremely high dv/dt capability
SSF8N65 SILIKRON-SSF8N65 Datasheet
439Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STB9NK80Z STMICROELECTRONICS-STB9NK80Z Datasheet
987Kb / 15P
   Extremely high dv/dt capability
logo
Silikron Semiconductor ...
SSF4N60 SILIKRON-SSF4N60 Datasheet
654Kb / 6P
   Extremely high dv/dt capability
logo
STMicroelectronics
STP35N60DM2 STMICROELECTRONICS-STP35N60DM2 Datasheet
733Kb / 13P
   Extremely high dv/dt ruggedness
STW72N60DM2AG STMICROELECTRONICS-STW72N60DM2AG Datasheet
728Kb / 12P
   Extremely high dv/dt ruggedness
December 2015 Rev 4
STP45N60DM2AG STMICROELECTRONICS-STP45N60DM2AG Datasheet
420Kb / 13P
   Extremely high dv/dt ruggedness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com