Electronic Components Datasheet Search |
|
Si4461-Bxx-FM Datasheet(PDF) 9 Page - Silicon Laboratories |
|
Si4461-Bxx-FM Datasheet(HTML) 9 Page - Silicon Laboratories |
9 / 56 page Si4464/63/61/60 Rev 1.2 9 Table 4. Transmitter AC Electrical Characteristics1 Parameter Symbol Test Condition Min Typ Max Unit TX Frequency Range (Si4463/61/60) FTX 850 — 1050 MHz 420 — 525 MHz 284 — 350 MHz 142 — 175 MHz TX Frequency Range (Si4464) FTX 705 — 960 MHz 353 — 639 MHz 177 — 319 MHz 119 — 159 MHz (G)FSK Data Rate3,4 DRFSK 0.1 — 500 kbps 4(G)FSK Data Rate3,4 DR4FSK 0.2 — 1000 kbps OOK Data Rate3,4 DROOK 0.1 — 120 kbps Modulation Deviation Range3 f960 850–1050 MHz —1.5 — MHz f525 420–525 MHz —750 — kHz f350 283–350 MHz —500 — kHz f175 142–175 MHz —250 — kHz Modulation Deviation Range (Si4464)3 f960 705–960 MHz —1.5 — MHz f639 470–639 MHz —1 — MHz f479 353–479 MHz —750 — kHz f319 235–319 MHz —500 — kHz f239 177–239 MHz —375 — kHz f159 119–159 MHz —250 — kHz Notes: 1. All specification guaranteed by production test unless otherwise noted. Production test conditions and max limits are listed in the "Production Test Conditions" section in "1.1. Definition of Test Conditions" on page 14. 2. For applications that use the major bands covered by Si4463/61/60, customers should use those parts instead of Si4464. 3. Guaranteed by qualification. Qualification test conditions are listed in the "Qualification Test Conditions" section in "1.1. Definition of Test Conditions" on page 14. 4. The maximum data rate is dependant on the XTAL frequency and is calculated as per the formula: Maximum Symbol Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz). 5. Default API setting for modulation deviation resolution is double the typical value specified. 6. Output power is dependent on matching components and board layout. |
Similar Part No. - Si4461-Bxx-FM |
|
Similar Description - Si4461-Bxx-FM |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |