Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB85NS04Z Datasheet(PDF) 10 Page - STMicroelectronics

Part # STB85NS04Z
Description  Low capacitance and gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85NS04Z Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STB85NS04Z Datasheet HTML 6Page - STMicroelectronics STB85NS04Z Datasheet HTML 7Page - STMicroelectronics STB85NS04Z Datasheet HTML 8Page - STMicroelectronics STB85NS04Z Datasheet HTML 9Page - STMicroelectronics STB85NS04Z Datasheet HTML 10Page - STMicroelectronics STB85NS04Z Datasheet HTML 11Page - STMicroelectronics STB85NS04Z Datasheet HTML 12Page - STMicroelectronics STB85NS04Z Datasheet HTML 13Page - STMicroelectronics STB85NS04Z Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Package mechanical data
STB85NS04Z - STB85NS04Z-1
10/15
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STB85NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85N15F4 STMICROELECTRONICS-STB85N15F4 Datasheet
555Kb / 12P
   N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
January 2009
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET?줚I POWER MOSFET
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
STB85NF3LL-1 STMICROELECTRONICS-STB85NF3LL-1 Datasheet
264Kb / 9P
   N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET??POWER MOSFET
STB85NF3LLT4 STMICROELECTRONICS-STB85NF3LLT4 Datasheet
391Kb / 13P
   N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
More results

Similar Description - STB85NS04Z

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STB26NM60ND STMICROELECTRONICS-STB26NM60ND Datasheet
1Mb / 23P
   Low input capacitance and gate charge
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com