Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMW106R Datasheet(PDF) 3 Page - Silicon Laboratories

Part # AMW106R
Description  Embedded Wi-Fi Networking Solutions
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW106R Datasheet(HTML) 3 Page - Silicon Laboratories

  AMW106R Datasheet HTML 1Page - Silicon Laboratories AMW106R Datasheet HTML 2Page - Silicon Laboratories AMW106R Datasheet HTML 3Page - Silicon Laboratories AMW106R Datasheet HTML 4Page - Silicon Laboratories AMW106R Datasheet HTML 5Page - Silicon Laboratories AMW106R Datasheet HTML 6Page - Silicon Laboratories AMW106R Datasheet HTML 7Page - Silicon Laboratories AMW106R Datasheet HTML 8Page - Silicon Laboratories AMW106R Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | ii
AMW006 / AMW106 Data Sheet
Embedded Wi-Fi Networking Solution
Features
 Self-contained ultra-low power Wi-Fi module with
microcontroller and secure TCP network stack.
 Integrated SPI-serial flash for software upgrades
and user accessible read/write file system
Wi-Fi
 Broadcom single band 2.4GHz IEEE 802.11b/g/n 1x1
Wi-Fi transceiver
 Includes support for all Wi-Fi security modes includ-
ing Open, WEP, WPA, and WPA2-PSK
Microprocessor
 ARM Cortex® M4 based microprocessor
 AMW006: operates up to 84MHz core frequency
 AMW106: operates up to 100MHz core frequency
RAM
 AMW006: 96 KB
 AMW106: 128 KB
Interfaces*
 UART: 2 x 4-wire up to 10.5Mbit/s
 SPI : SPI-Master (42Mbit/s), SPI-Slave (21Mbit/s)
 GPIO: Up to 21 GPIOs (overlaid with peripherals)
 A/D converter: 9 channel input, 12-bit resolution,
2.4MSPS sampling in single-shot or scan mode
 PWM: Up to 14 PWM outputs
 Wake-up: Wake pin for ultra-low power operation
 Two external antennas for diversity and improved
range
*Some interfaces share module pins
Operational & Radio
 Single operating voltage : 3.3V (typical)
 All I/O pins are +5V tolerant
 Operational Temperature Range: -30°C to +85°C
 Size : 20.3 x 15.2 x 2.7mm (0.80” x 0.60” x 0.11”)
 Weight : 0.07 oz (2g)
 Current consumption @ 3.3V, 25°C
-
VBAT : 0.97µA (with 32k RTC)
-
Standby : 2.8µA (3.8uA with 32k RTC)
-
Stop : 10µA with RAM retention (113µs wake)
-
Wi-Fi Powersave : 0.77mA (DTIM = 3)
-
Active receive : 5.7mA @ 1Mbit/s UDP
 Active transmit : 11.4mA @ 1Mbit/s UDP
 Maximum RF transmit power
-
802.11b/g : +18 dBm
-
802.11n : +14 dBm
 Minimum Receive sensitivity
-
802.11b/g : -94 dBm
-
802.11n : -86 dBm
 Sustained TCP throughput : 10 Mbit/s
Applications
 Industrial, M2M and Home Automation
-
Environmental monitoring
-
Energy monitoring
-
Wireless sensing, remote data logging
-
HVAC, power, light, & thermostat control
-
Appliance control
 Security
-
Cameras, Doors/Window monitoring
-
Alarms, Smoke Detectors
-
Door and entry control
 Health & Fitness
-
Fitness Equipment
-
Home health monitoring e.g. weight scales
 Consumer
-
Audio, Toys, Robots


Similar Part No. - AMW106R

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AMW106 SILABS-AMW106 Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
More results

Similar Description - AMW106R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
   Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
   Embedded Wi-Fi Networking Solution
August 29, 2017
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
   Wi-Fi Embedded Antenna
WPANT10049 WPI-WPANT10049 Datasheet
98Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT10052 WPI-WPANT10052 Datasheet
154Kb / 3P
   Vertically Polarized Wi-Fi Embedded Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com