Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF2-DC9V Datasheet(PDF) 4 Page - Nais(Matsushita Electric Works)

Part # SF2-DC9V
Description  POLARISED, MONOSTABLE SAFETY RELAY with (mechanical linked) forced contacts operation
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

SF2-DC9V Datasheet(HTML) 4 Page - Nais(Matsushita Electric Works)

  SF2-DC9V Datasheet HTML 1Page - Nais(Matsushita Electric Works) SF2-DC9V Datasheet HTML 2Page - Nais(Matsushita Electric Works) SF2-DC9V Datasheet HTML 3Page - Nais(Matsushita Electric Works) SF2-DC9V Datasheet HTML 4Page - Nais(Matsushita Electric Works) SF2-DC9V Datasheet HTML 5Page - Nais(Matsushita Electric Works) SF2-DC9V Datasheet HTML 6Page - Nais(Matsushita Electric Works) SF2-DC9V Datasheet HTML 7Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
261
SF
Structure
Operation
1. Forced operation method
(2a2b, 3a1b, 4a4b types)
The two contacts “a” and “b” are coupled with the same
card. The operation of each contact is regulated by the
movement of the other contact.
Even when one contact is welded closed,
the other maintains a gap of greater than
0.5 mm .020 inch.
In the diagram on the left, the lower
contact "b" have welded but the upper con-
tact "a" maintain at a gap of greater than
0.5 mm .020 inch.
Subsequent contact movement is
suspended and the weld can be detected
2. Independent operation method
(4a4b type)
None of four contacts are held in position by the armature.
Even though one of the external N.O. contacts has
welded, the other three contacts have returned owing to
the de-energizing of the coil.
Enables design of safety circuits that allow
weld detection and return at an early stage.
As shown at the top right of the diagram on
the left, if the external N.O. contact welds, a
0.5 mm .020 inch gap is maintained.
Each of the other contacts returns to N.O.
because the coil is no longer energized.
3. Separate chamber method
(2a2b, 3a1b, 4a4b types)
In independent chambers, the contacts "a" and "b" are
kept apart by a body/card separator or by the card itself.
Prevents shorting and fusing of springs and
spring failure owing to short-circuit current.
As shown on the diagram on the left, even
if the operating springs numbered 1 and 2
there is no shorting between "a" and "b"
contacts.
4. High-efficiency 4-gap balanced
armature structure
(2a2b, 3a1b, 4a4b types)
The use of high-efficiency magnetically polarized circuits
and 4-gap balanced armature structure means that
springs are not required.
Does away with return faults due to fatigue
or breakage of the return spring, especially
stoppage during contact states.
5. 2a2b contact
3a1b contact
4a4b contact
Structure with independent COM contact of (2a2b),
(3a1b), (4a4b) contacts.
Independent COM enables differing pole
circuit configurations. This makes it
possible to design various kinds of control
circuits and safety circuits.
Min. 0.5 mm .020 inch
Contact a
Card
Weld
Contact b
Return
Return
External NO
contact weld
Return
Case separator
Card
Contact a
Body
separator
Contact b
1
2
SAFETY STRUCTURE OF SF RELAYS
This SF relay design ensures that
subsequent operations shut down and can
automatically return to a safe state when
the SF relay suffers overloading and other
circuit abnormalities (unforeseen
externally caused circuit or device
breakdowns, end of life incidents, and
noise, surge, and environmental
influences) owing to contact welding,
spring fusion or, in the worst-case
scenario, relay breakdown (coil rupture,
faulty operation, faulty return, and fatigue
and breakage of the operating spring and
return spring), and even in the event of
end of life.


Similar Part No. - SF2-DC9V

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SF2 RECTRON-SF2 Datasheet
423Kb / 5P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 1.0 Ampere
SF2 RECTRON-SF2 Datasheet
372Kb / 6P
   SURFACE MOUNT FAST RECOVERY RECTIFIER VOLTAGE RANG 50 to1000 Volts CURRENT 1.0 Ampere
2020-04 REV:B
logo
Honeywell Solid State E...
SF20 HONEYWELL-SF20 Datasheet
445Kb / 2P
   STRAP-ON TEMPERATURE SENSORS
logo
Frontier Electronics.
SF20-005 FRONTIER-SF20-005 Datasheet
128Kb / 2P
   2A SUPER FAST RECOVERY RECTIFIER
SF20-005-LFR FRONTIER-SF20-005-LFR Datasheet
128Kb / 2P
   2A SUPER FAST RECOVERY RECTIFIER
More results

Similar Description - SF2-DC9V

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
SD2D-DC5V NAIS-SD2D-DC5V Datasheet
244Kb / 5P
   POLARISED, MONOSTABLE SAFETY RELAY
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
   For DC Operations, Polarised, Monostable or Bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
   FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
   For DC operations, polarised, monostable or bistable
logo
PHOENIX CONTACT
102381 PHOENIX-102381 Datasheet
185Kb / 4P
   Universal Safety Relay With Positively Driven Contacts
logo
WAGO Kontakttechnik Gmb...
788-109 WAGO-788-109 Datasheet
199Kb / 6P
   Relay socket; 2 changeover contacts; with manual operation;
logo
First Silicon Co., Ltd
NE555B FS-NE555B Datasheet
710Kb / 5P
   Astable or Monostable Operation
logo
Maxim Integrated Produc...
MAX20003EVKIT MAXIM-MAX20003EVKIT Datasheet
349Kb / 8P
   Forced-PWM or Skip-Mode Operation
Rev 0; 5/14
logo
PHOENIX CONTACT
102987 PHOENIX-102987 Datasheet
347Kb / 7P
   Safety Relay as a Contact Extension Block With Off-Delay Contacts
102862 PHOENIX-102862 Datasheet
329Kb / 7P
   Safety Relay as a Contact Extension Block With Off-Delay Contacts
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com