Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32BG12P432F1024GM48-B Datasheet(PDF) 9 Page - Silicon Laboratories

Part # EFR32BG12P432F1024GM48-B
Description  EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
Download  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG12P432F1024GM48-B Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button EFR32BG12P432F1024GM48-B Datasheet HTML 5Page - Silicon Laboratories EFR32BG12P432F1024GM48-B Datasheet HTML 6Page - Silicon Laboratories EFR32BG12P432F1024GM48-B Datasheet HTML 7Page - Silicon Laboratories EFR32BG12P432F1024GM48-B Datasheet HTML 8Page - Silicon Laboratories EFR32BG12P432F1024GM48-B Datasheet HTML 9Page - Silicon Laboratories EFR32BG12P432F1024GM48-B Datasheet HTML 10Page - Silicon Laboratories EFR32BG12P432F1024GM48-B Datasheet HTML 11Page - Silicon Laboratories EFR32BG12P432F1024GM48-B Datasheet HTML 12Page - Silicon Laboratories EFR32BG12P432F1024GM48-B Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 181 page
background image
3. System Overview
3.1 Introduction
The EFR32 product family combines an energy-friendly MCU with a highly integrated radio transceiver. The devices are well suited for
any battery operated application as well as other systems requiring high performance and low energy consumption. This section gives a
short introduction to the full radio and MCU system. The detailed functional description can be found in the EFR32xG12 Wireless
Gecko Reference Manual.
A block diagram of the EFR32BG12 family is shown in Figure 3.1 Detailed EFR32BG12 Block Diagram on page 4. The diagram
shows a superset of features available on the family, which vary by OPN. For more information about specific device features, consult
Ordering Information.
Analog Peripherals
Clock Management
HFRCO
IDAC
ARM Cortex-M4 Core
Up to 1024 KB ISP Flash
Program Memory
Up to 256 KB RAM
A
H
B
Watchdog
Timer
RESETn
Digital Peripherals
Port
Mapper
Port I/O Configuration
Analog Comparator
12-bit ADC
Temp
Sense
VDD
Internal
Reference
IOVDD
AUXHFRCO
LFXO
ULFRCO
HFXO
Memory Protection Unit
LFRCO
A
P
B
LDMA Controller
+
-
Floating Point Unit
Energy Management
DVDD
VREGVDD
VREGSW
bypass
AVDD
PAVDD
RFVDD
DECOUPLE
IOVDD
Voltage
Monitor
Radio Transceiver
2G4RF_IOP
2G4RF_ION
2.4 GHz RF
PA
I
Q
LNA
Frequency
Synthesizer
DEMOD
AGC
IFADC
MOD
PGA
SUBGRF_OP
SUBGRF_ON
Sub-GHz RF
I
Q
PA
SUBGRF_IP
SUBGRF_IN
LNA
To RF
Frontend
Circuits
BALUN
RFSENSE
VDAC
Op-Amp
Capacitive
Sense
LESENSE
CRC
CRYPTO
I2C
LEUART
USART
RTC / RTCC
PCNT
CRYOTIMER
TIMER
LETIMER
Port K
Drivers
PKn
Port J
Drivers
PJn
Port I
Drivers
PIn
Port F
Drivers
PFn
Port D
Drivers
PDn
Port C
Drivers
PCn
Port B
Drivers
PBn
Port A
Drivers
PAn
HFXTAL_P
HFXTAL_N
LFXTAL_P
LFXTAL_N
Voltage
Regulator
DC-DC
Converter
Debug Signals
(shared w/GPIO)
Brown Out /
Power-On
Reset
Reset
Management
Unit
Serial Wire
and ETM
Debug /
Programming
Figure 3.1. Detailed EFR32BG12 Block Diagram
3.2 Radio
The Blue Gecko family features a radio transceiver supporting Bluetooth® Low Energy and proprietary short range wireless protocols.
3.2.1 Antenna Interface
The 2.4 GHz antenna interface consists of two pins (2G4RF_IOP and 2G4RF_ION) that interface directly to the on-chip BALUN. The
2G4RF_ION pin should be grounded externally.
The external components and power supply connections for the antenna interface typical applications are shown in the RF Matching
Networks section.
EFR32BG12 Blue Gecko Bluetooth ®Low Energy SoC Family Data Sheet
System Overview
silabs.com | Building a more connected world.
Rev. 1.0 | 4


Similar Part No. - EFR32BG12P432F1024GM48-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1 SILABS-EFR32BG1 Datasheet
2Mb / 163P
   Home and Building Automation
EFR32BG1 SILABS-EFR32BG1 Datasheet
8Mb / 960P
   EFR32xG1 Wireless Gecko Reference Manual
EFR32BG1 SILABS-EFR32BG1 Datasheet
656Kb / 17P
   EFR32BG 2.4 GHz 10.5 dBm Radio Board BRD4100A Reference Manual
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32BG13 SILABS-EFR32BG13 Datasheet
1Mb / 34P
   EFR32 Blue Gecko Bluetooth Starter Kit
Rev. 1.01
More results

Similar Description - EFR32BG12P432F1024GM48-B

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32BG14 SILABS-EFR32BG14 Datasheet
2Mb / 159P
   EFR32BG14 Blue Gecko Bluetooth® Low Energy SoC Family
Rev. 1.2
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com