Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32BG1B132F128GM32-C0 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # EFR32BG1B132F128GM32-C0
Description  EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32BG1B132F128GM32-C0 Datasheet(HTML) 1 Page - Silicon Laboratories

  EFR32BG1B132F128GM32-C0 Datasheet HTML 1Page - Silicon Laboratories EFR32BG1B132F128GM32-C0 Datasheet HTML 2Page - Silicon Laboratories EFR32BG1B132F128GM32-C0 Datasheet HTML 3Page - Silicon Laboratories EFR32BG1B132F128GM32-C0 Datasheet HTML 4Page - Silicon Laboratories EFR32BG1B132F128GM32-C0 Datasheet HTML 5Page - Silicon Laboratories EFR32BG1B132F128GM32-C0 Datasheet HTML 6Page - Silicon Laboratories EFR32BG1B132F128GM32-C0 Datasheet HTML 7Page - Silicon Laboratories EFR32BG1B132F128GM32-C0 Datasheet HTML 8Page - Silicon Laboratories EFR32BG1B132F128GM32-C0 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 163 page
background image
EFR32BG1 Blue Gecko Bluetooth® Smart
SoC Family Data Sheet
The Blue Gecko Bluetooth Smart family of SoCs is part of the
Wireless Gecko portfolio. Blue Gecko SoCs are ideal for enabling
energy-friendly Bluetooth Smart networking for IoT devices.
The single-die solution provides industry-leading energy efficiency, ultra-fast wakeup
times, a scalable power amplifier, an integrated balun and no-compromise MCU fea-
tures.
Blue Gecko applications include:
KEY FEATURES
• 32-bit ARM® Cortex®-M4 core with 40
MHz maximum operating frequency
• Scalable Memory and Radio configuration
options available in several footprint
compatible QFN packages
• 12-channel Peripheral Reflex System
enabling autonomous interaction of MCU
peripherals
• Autonomous Hardware Crypto Accelerator
and Random Number Generator
• Integrated balun for 2.4 GHz and
integrated PA with up to 19.5 dBm
transmit power for 2.4 GHz and 20 dBm
transmit power for Sub-GHz radios
• Integrated DC-DC with RF noise mitigation
• IoT Sensors and End Devices
• Health and Wellness
• Home and Building Automation
• Accessories
• Human Interface Devices
• Metering
• Commercial and Retail Lighting and Sensing
Timers and Triggers
Real Time
Counter and
Calendar
Cryotimer
Timer/Counter
Low Energy
Timer
Pulse Counter
Watchdog Timer
Protocol Timer
32-bit bus
Peripheral Reflex System
Serial
Interfaces
I/O Ports
Analog I/F
Lowest power mode with peripheral operational:
USART
Low Energy
UARTTM
I2C
External
Interrupts
General
Purpose I/O
Pin Reset
Pin Wakeup
ADC
IDAC
Analog
Comparator
Radio Transceiver
DEMOD
AGC
IFADC
RFSENSE
EM3—Stop
EM2—Deep Sleep
EM1—Sleep
EM4—Hibernate
EM4—Shutoff
EM0—Active
Core / Memory
ARM CortexTM M4 processor
with DSP extensions and FPU
Energy Management
Brown-Out
Detector
DC-DC
Converter
Voltage
Regulator
Voltage Monitor
Power-On Reset
Other
CRYPTO
CRC
Clock Management
High Frequency
Crystal
Oscillator
Low Frequency
Crystal
Oscillator
Low Frequency
RC Oscillator
High Frequency
RC Oscillator
Ultra Low
Frequency RC
Oscillator
Auxiliary High
Frequency RC
Oscillator
Flash Program
Memory
RAM Memory
Debug Interface
DMA Controller
Memory
Protection Unit
BALUN
2.4 GHz RF
Frontend:
LNA, PA,
I/Q Mixer
Sub-GHz RF
Frontend:
LNA, PA,
I/Q Mixer
PGA
MOD
To RF
Frontend
Circuits
Frequency
Synthesizer
silabs.com | Building a more connected world.
Rev. 1.1


Similar Part No. - EFR32BG1B132F128GM32-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32BG1B132F128GM32-C0 SILABS-EFR32BG1B132F128GM32-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B132F128GM32-C0 SILABS-EFR32BG1B132F128GM32-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B132F128GM32-C0R SILABS-EFR32BG1B132F128GM32-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32BG1B132F128GM32-C0R SILABS-EFR32BG1B132F128GM32-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32BG1B132F128GM32-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32BG1V132F256 SILABS-EFR32BG1V132F256 Datasheet
1Mb / 94P
   ConfidentialEFR32BG1 Blue Gecko Bluetooth짰 Smart SoC CSP Family
EFR32BG13 SILABS-EFR32BG13 Datasheet
2Mb / 176P
   EFR32BG13 Blue Gecko Bluetooth짰 Low Energy SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32BG12P232F SILABS-EFR32BG12P232F Datasheet
2Mb / 181P
   EFR32BG12 Blue Gecko Bluetooth 짰Low Energy SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32FG1P132F64 SILABS-EFR32FG1P132F64 Datasheet
4Mb / 101P
   EFR32FG1 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32FG13 SILABS-EFR32FG13 Datasheet
2Mb / 195P
   EFR32FG13 Flex Gecko Proprietary Protocol SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com