Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3772H Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP3772H
Description  Low-Power Off-line Primary Side Regulation Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3772H Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3772H Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3772H Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Preliminary Datasheet
Low-Power Off-line Primary Side Regulation Controller
AP3772H
Dec. 2012
Rev. 1. 1
BCD Semiconductor Manufacturing Limited
6
Typical Performance Characteristics
Figure 4. Operating Current vs. Supply Voltage
Figure 5. Source Current vs. Supply Voltage
Figure 6. Minimal Operating Voltage
Figure 7. Operating Current vs. Ambient Temperature
vs. Ambient Temperature
10
15
20
25
30
100
200
300
400
500
600
700
800
Supply Voltage (V)
10
15
20
25
30
20
25
30
35
40
Supply Voltage (V)
-40
-20
0
20
406080
100
120
140
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Ambient Temperature (
oC)
-40
-20
0
20
406080
100
120
140
300
350
400
450
500
Ambient Temperature (
oC)


Similar Part No. - AP3772H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776BMTR-G1 DIODES-AP3776BMTR-G1 Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3776MTR-G1 DIODES-AP3776MTR-G1 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results

Similar Description - AP3772H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3776 DIODES-AP3776 Datasheet
616Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP1680 DIODES-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
Rev. 1 - 0 Apr 2011
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3766 DIODES-AP3766 Datasheet
476Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
December 2014 Rev.2 - 2
logo
BCD Semiconductor Manuf...
AP3703 BCDSEMI-AP3703 Datasheet
727Kb / 11P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3768 BCDSEMI-AP3768 Datasheet
626Kb / 10P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
AP3765 BCDSEMI-AP3765_10 Datasheet
605Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Unisonic Technologies
UC1108 UTC-UC1108 Datasheet
246Kb / 8P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
Diodes Incorporated
AP3776B DIODES-AP3776B Datasheet
545Kb / 17P
   LOW POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
logo
BCD Semiconductor Manuf...
AP1680 BCDSEMI-AP1680 Datasheet
327Kb / 9P
   LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com