Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EFR32MG1B732F256IM32-C0 Datasheet(PDF) 7 Page - Silicon Laboratories

Part # EFR32MG1B732F256IM32-C0
Description  EFR32MG1 Mighty Gecko SoC with Integrated Serial Flash Data Sheet
Download  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EFR32MG1B732F256IM32-C0 Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button EFR32MG1B732F256IM32-C0 Datasheet HTML 3Page - Silicon Laboratories EFR32MG1B732F256IM32-C0 Datasheet HTML 4Page - Silicon Laboratories EFR32MG1B732F256IM32-C0 Datasheet HTML 5Page - Silicon Laboratories EFR32MG1B732F256IM32-C0 Datasheet HTML 6Page - Silicon Laboratories EFR32MG1B732F256IM32-C0 Datasheet HTML 7Page - Silicon Laboratories EFR32MG1B732F256IM32-C0 Datasheet HTML 8Page - Silicon Laboratories EFR32MG1B732F256IM32-C0 Datasheet HTML 9Page - Silicon Laboratories EFR32MG1B732F256IM32-C0 Datasheet HTML 10Page - Silicon Laboratories EFR32MG1B732F256IM32-C0 Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 94 page
background image
3.2.7 Flexible Frame Handling
EFR32MG1 has an extensive and flexible frame handling support for easy implementation of even complex communication protocols.
The Frame Controller (FRC) supports all low level and timing critical tasks together with the Radio Controller and Modulator/
Demodulator:
• Highly adjustable preamble length
• Up to 2 simultaneous synchronization words, each up to 32 bits and providing separate interrupts
• Frame disassembly and address matching (filtering) to accept or reject frames
• Automatic ACK frame assembly and transmission
• Fully flexible CRC generation and verification:
• Multiple CRC values can be embedded in a single frame
• 8, 16, 24 or 32-bit CRC value
• Configurable CRC bit and byte ordering
• Selectable bit-ordering (least significant or most significant bit first)
• Optional data whitening
• Optional Forward Error Correction (FEC), including convolutional encoding / decoding and block encoding / decoding
• Half rate convolutional encoder and decoder with constraint lengths from 2 to 7 and optional puncturing
• Optional symbol interleaving, typically used in combination with FEC
• Symbol coding, such as Manchester or DSSS, or biphase space encoding using FEC hardware
• UART encoding over air, with start and stop bit insertion / removal
• Test mode support, such as modulated or unmodulated carrier output
• Received frame timestamping
3.2.8 Packet and State Trace
The EFR32MG1 Frame Controller has a packet and state trace unit that provides valuable information during the development phase. It
features:
• Non-intrusive trace of transmit data, receive data and state information
• Data observability on a single-pin UART data output, or on a two-pin SPI data output
• Configurable data output bitrate / baudrate
• Multiplexed transmitted data, received data and state / meta information in a single serial data stream
3.2.9 Data Buffering
The EFR32MG1 features an advanced Radio Buffer Controller (BUFC) capable of handling up to 4 buffers of adjustable size from 64
bytes to 4096 bytes. Each buffer can be used for RX, TX or both. The buffer data is located in RAM, enabling zero-copy operations.
3.2.10 Radio Controller (RAC)
The Radio Controller controls the top level state of the radio subsystem in the EFR32MG1. It performs the following tasks:
• Precisely-timed control of enabling and disabling of the receiver and transmitter circuitry
• Run-time calibration of receiver, transmitter and frequency synthesizer
• Detailed frame transmission timing, including optional LBT or CSMA-CA
3.2.11 Random Number Generator
The Frame Controller (FRC) implements a random number generator that uses entropy gathered from noise in the RF receive chain.
The data is suitable for use in cryptographic applications.
Output from the random number generator can be used either directly or as a seed or entropy source for software-based random num-
ber generator algorithms such as Fortuna.
EFR32MG1 Mighty Gecko SoC with Integrated Serial Flash Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 6


Similar Part No. - EFR32MG1B732F256IM32-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32MG1B132F256GM32-C0 SILABS-EFR32MG1B132F256GM32-C0 Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1B132F256GM32-C0 SILABS-EFR32MG1B132F256GM32-C0 Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1B132F256GM32-C0 SILABS-EFR32MG1B132F256GM32-C0 Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32MG1B132F256GM32-C0R SILABS-EFR32MG1B132F256GM32-C0R Datasheet
105Kb / 3P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
EFR32MG1B132F256GM32-C0R SILABS-EFR32MG1B132F256GM32-C0R Datasheet
68Kb / 2P
   This change is considered a minor change which does not affect form, fit, function, quality, or reliability.
More results

Similar Description - EFR32MG1B732F256IM32-C0

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
EFR32MG1P232F256 SILABS-EFR32MG1P232F256 Datasheet
4Mb / 102P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
SLWRB4150B SILABS-SLWRB4150B Datasheet
2Mb / 163P
   EFR32MG1 Mighty Gecko ZigBee짰 & Thread SoC Family Data Sheet
EFR32MG13 SILABS-EFR32MG13 Datasheet
2Mb / 194P
   EFR32MG13 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG12P432F SILABS-EFR32MG12P432F Datasheet
2Mb / 181P
   EFR32MG12 Mighty Gecko Multi-Protocol Wireless SoC Family Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
EFR32MG21 SILABS-EFR32MG21 Datasheet
893Kb / 76P
   EFR32MG21 Mighty Gecko Multiprotocol Wireless SoC Family
Rev. 1.1
EFR32MG14 SILABS-EFR32MG14 Datasheet
3Mb / 173P
   EFR32MG14 Mighty Gecko Multi-Protocol Wireless SoC Family
Rev. 1.5
SLWSTK6020A SILABS-SLWSTK6020A Datasheet
4Mb / 102P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
EFR32FG12P432F SILABS-EFR32FG12P432F Datasheet
2Mb / 183P
   EFR32FG12 Flex Gecko Proprietary Protocol SoC Family Data Sheet
EFR32BG1B232 SILABS-EFR32BG1B232 Datasheet
2Mb / 163P
   EFR32BG1 Blue Gecko Bluetooth짰 Smart SoC Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com