Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3965 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3965
Description  PRIMARY SIDE POWER SWITCHER FOR FLYBACK/NON-ISOLATED BUCK SMPS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3965 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3965 Datasheet HTML 1Page - Diodes Incorporated AP3965 Datasheet HTML 2Page - Diodes Incorporated AP3965 Datasheet HTML 3Page - Diodes Incorporated AP3965 Datasheet HTML 4Page - Diodes Incorporated AP3965 Datasheet HTML 5Page - Diodes Incorporated AP3965 Datasheet HTML 6Page - Diodes Incorporated AP3965 Datasheet HTML 7Page - Diodes Incorporated AP3965 Datasheet HTML 8Page - Diodes Incorporated AP3965 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AP3965/66/71
Document number: DS36531 Rev. 3 - 2
4 of 13
www.diodes.com
November 2013
© Diodes Incorporated
AP3965/66/71
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Note 5)
Symbol
Parameter
Rating
Unit
VCC
Supply Voltage
-0.3 to +22
V
VFB
FB Input Voltage
-1 to +10
V
VCBO
Collector-emitter Voltage
700
V
Collector DC Current
AP3965
1.5
A
AP3966
3.2
AP3971
4
TJ
Operating Junction Temperature
150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
300
°C
ESD (Machine Model)
200
V
ESD (Human Body Model)
2000
V
PD
Total Power Dissipation
AP3965
0.9
W
AP3966
1.4
AP3971
1.5
Note:
5. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not
implied. Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
22
V
TOP
Operating Temperature Range
-40
+85
°C
fMAX
Maximum Operating Frequency
60
kHz
Thermal Impedance (Note 6)
Symbol
Parameter
Value
Unit
θJA
Junction to Ambient
AP3965
80
°C/W
AP3966
50
AP3971
45
θJC
Junction to Case
AP3965
40
AP3966
26
AP3971
22
Note:
6. When mounted a standard single-sided FR4 board with 300mm
2 Cu (at least 35μm thick) connected to all collectors and CS pins.


Similar Part No. - AP3965

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3968 BCDSEMI-AP3968 Datasheet
639Kb / 15P
   Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
BCD Semiconductor Manuf...
AP3968M-G1 BCDSEMI-AP3968M-G1 Datasheet
639Kb / 15P
   Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
AP3968MTR-G1 BCDSEMI-AP3968MTR-G1 Datasheet
639Kb / 15P
   Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
logo
Diodes Incorporated
AP3968MTR-G1 DIODES-AP3968MTR-G1 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results

Similar Description - AP3965

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3987CT DIODES-AP3987CT Datasheet
559Kb / 15P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev. 2 - 2 June 2019
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com