Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3966 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP3966
Description  PRIMARY SIDE POWER SWITCHER FOR FLYBACK/NON-ISOLATED BUCK SMPS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3966 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP3966 Datasheet HTML 5Page - Diodes Incorporated AP3966 Datasheet HTML 6Page - Diodes Incorporated AP3966 Datasheet HTML 7Page - Diodes Incorporated AP3966 Datasheet HTML 8Page - Diodes Incorporated AP3966 Datasheet HTML 9Page - Diodes Incorporated AP3966 Datasheet HTML 10Page - Diodes Incorporated AP3966 Datasheet HTML 11Page - Diodes Incorporated AP3966 Datasheet HTML 12Page - Diodes Incorporated AP3966 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AP3965/66/71
Document number: DS36531 Rev. 3 - 2
9 of 13
www.diodes.com
November 2013
© Diodes Incorporated
AP3965/66/71
A Product Line of
Diodes Incorporated
Ordering Information
Diodes IC’s Pb-free products with "G1" suffix in the part number, are RoHS compliant and green.
Package
Temperature Range
Part Number
Marking ID
Packing
SO7
-40°C to 85°C
AP3965MTR-G1
3965M-G1
4,000/Tape & Reel
PDIP-7
AP3966P7-G1
AP3966P7-G1
50/Tube
AP3971P7-G1
AP3971P7-G1
50/Tube
Marking Information
AP39XX XX XX - G1
Packing
Package
TR : Tape & Reel
M : SO7
G1 : Green
Product Name
RoHS/Green
Product Version
65 : AP3965
66 : AP3966
71 : AP3971
P7 : PDIP-7
Blank : Tube
First and Second Lines: Logo and Marking ID
Third Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.
First Line: Logo and Marking ID
Second Line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch No.


Similar Part No. - AP3966

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3968 BCDSEMI-AP3968 Datasheet
639Kb / 15P
   Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
logo
Diodes Incorporated
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
logo
BCD Semiconductor Manuf...
AP3968M-G1 BCDSEMI-AP3968M-G1 Datasheet
639Kb / 15P
   Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
AP3968MTR-G1 BCDSEMI-AP3968MTR-G1 Datasheet
639Kb / 15P
   Primary Side Power Switcher for Off-line SMPS Low Total Cost Solution
logo
Diodes Incorporated
AP3968MTR-G1 DIODES-AP3968MTR-G1 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
More results

Similar Description - AP3966

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3988 DIODES-AP3988 Datasheet
395Kb / 12P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3984 DIODES-AP3984 Datasheet
758Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3968 DIODES-AP3968 Datasheet
482Kb / 15P
   PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983B DIODES-AP3983B Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983BCD DIODES-AP3983BCD Datasheet
598Kb / 13P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3983E DIODES-AP3983E Datasheet
568Kb / 10P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
AP3987CT DIODES-AP3987CT Datasheet
559Kb / 15P
   HIGH FREQUENCY PRIMARY SIDE POWER SWITCHER FOR OFF-LINE SMPS
Rev. 2 - 2 June 2019
logo
Holtek Semiconductor In...
HT7A6312 HOLTEK-HT7A6312 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6312 HOLTEK-HT7A6312_15 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
HT7A6322 HOLTEK-HT7A6322 Datasheet
1Mb / 10P
   Low Power Primary Switcher for Off Line SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com