Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STFW3N170 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STFW3N170
Description  N-channel 1700 V, 7 廓 typ., 2.6 A PowerMESH??Power MOSFET in a TO-3PF package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW3N170 Datasheet(HTML) 5 Page - STMicroelectronics

  STFW3N170 Datasheet HTML 1Page - STMicroelectronics STFW3N170 Datasheet HTML 2Page - STMicroelectronics STFW3N170 Datasheet HTML 3Page - STMicroelectronics STFW3N170 Datasheet HTML 4Page - STMicroelectronics STFW3N170 Datasheet HTML 5Page - STMicroelectronics STFW3N170 Datasheet HTML 6Page - STMicroelectronics STFW3N170 Datasheet HTML 7Page - STMicroelectronics STFW3N170 Datasheet HTML 8Page - STMicroelectronics STFW3N170 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STFW3N170
Electrical characteristics
DocID023985 Rev 3
5/12
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
Tj = 25 °C
-
2.6
A
ISDM
Source-drain current
(pulsed)
-
10.4
VSD(1)
Forward on voltage
VGS = 0 V, ISD = 2.6 A
-
1.5
V
trr
Reverse recovery time
ISD = 2.6 A,
di/dt = 100 A/µs,
VDD = 60 V (see Figure
16: "Test circuit for
inductive load switching
and diode recovery
times")
-
1.58
µs
Qrr
Reverse recovery charge
-
6
µC
IRRM
Reverse recovery current
-
7.9
A
trr
Reverse recovery time
ISD = 2.6 A,
di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(see Figure 16: "Test
circuit for inductive load
switching and diode
recovery times")
-
2.12
µs
Qrr
Reverse recovery charge
-
8.8
µC
IRRM
Reverse recovery current
-
8.3
A
Notes:
(1) Pulse test: pulse duration = 300 µs, duty cycle 1.5%.


Similar Part No. - STFW3N170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW3N150 STMICROELECTRONICS-STFW3N150 Datasheet
484Kb / 16P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET
STFW3N150 STMICROELECTRONICS-STFW3N150 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STFW3N150 STMICROELECTRONICS-STFW3N150 Datasheet
677Kb / 22P
   N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
DS5052 - Rev 12 - May 2020
logo
Inchange Semiconductor ...
STFW3N150 ISC-STFW3N150 Datasheet
347Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
More results

Similar Description - STFW3N170

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW12N170K5 STMICROELECTRONICS-STW12N170K5 Datasheet
485Kb / 14P
   N-channel 1700 V, 2.3 廓 typ., 5 A, MDmesh??K5 Power MOSFET in a TO??47 package
Rev 1 - November 2018
STWA3N170 STMICROELECTRONICS-STWA3N170 Datasheet
740Kb / 14P
   N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
September 2015
STW3N170 STMICROELECTRONICS-STW3N170 Datasheet
740Kb / 14P
   N-channel 1700 V, 7 Ω typ., 2.6 A PowerMESH™ Power MOSFETs in TO-247 and TO-247 long leads packages
September 2015
STFW2N105K5 STMICROELECTRONICS-STFW2N105K5 Datasheet
866Kb / 14P
   N-channel 1050 V, 6 廓 typ., 1.5 A Zener-protected SuperMESH??5 Power MOSFET in a TO-3PF package
May 2014 Rev 1
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STF7N90K5 STMICROELECTRONICS-STF7N90K5 Datasheet
712Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220FP package
October 2016 Rev 1
STP7N90K5 STMICROELECTRONICS-STP7N90K5 Datasheet
729Kb / 13P
   N-channel 900 V, 0.72 廓 typ., 7 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2016 Rev 1
STFW8N120K5 STMICROELECTRONICS-STFW8N120K5 Datasheet
302Kb / 12P
   N-channel 1200 V, 1.65 Ω typ., 6 A, MDmesh K5 Power MOSFET in a TO-3PF package
DS12562 - Rev 2 - July 2018
STFW69N65M5 STMICROELECTRONICS-STFW69N65M5 Datasheet
672Kb / 16P
   N-channel 650 V, 0.037 廓 typ., 58 A MDmesh??V Power MOSFET in TO-3PF and TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com