Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4461C-868-PDK Datasheet(PDF) 7 Page - Silicon Laboratories

Part # 4461C-868-PDK
Description  EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4461C-868-PDK Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button 4461C-868-PDK Datasheet HTML 3Page - Silicon Laboratories 4461C-868-PDK Datasheet HTML 4Page - Silicon Laboratories 4461C-868-PDK Datasheet HTML 5Page - Silicon Laboratories 4461C-868-PDK Datasheet HTML 6Page - Silicon Laboratories 4461C-868-PDK Datasheet HTML 7Page - Silicon Laboratories 4461C-868-PDK Datasheet HTML 8Page - Silicon Laboratories 4461C-868-PDK Datasheet HTML 9Page - Silicon Laboratories 4461C-868-PDK Datasheet HTML 10Page - Silicon Laboratories 4461C-868-PDK Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
EZRadioPRO-DK
Rev. 0.5
7
5.1. The Wireless Motherboard
Figure 4. Wireless Motherboard
The wireless motherboard contains four pushbuttons, four LEDs, and a buzzer as simple user interfaces. A
graphical LCD displays menu items for range testing purposes and a potentiometer demonstrates analog
capabilities of the MCU. A switch supports the power options of the MCU's built-in dc/dc converter. Using the
current measurement jumpers, current consumption can be measured separately either for the MCU, the radio, or
the peripherals. The motherboard contains test pins for all I/O pins of the MCU and for all digital pins of the radio. In
addition, there are SMA connectors for the GPIOs of the radio for test equipment connection. A USB
communication interface as well as a built-in Silicon Labs USB-to-C2 debug adapter are integrated onto the board
so that the wireless motherboard (WMB) can be directly connected via USB to the PC for downloading and
debugging code on the MCU.
An interface connection towards sensor modules can also be found. The MCU is also connected to the RF pico
board through a connector pair.
MCU Pico Board
RF Pico Board
Current
Measurement
Pins
Radio
Test
Pins
Radio GPIO
Connectors
Buzzer
Reset Button
Push Buttons
Potentiometer
MCU DC/DC
Converter
Switch
MCU Test
Pins
Power
Supply
Switch
Sensor
Module
Connector
External
Power
Supply
Connection
USB
Communication
and Debug
Interface


Similar Part No. - 4461C-868-PDK

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
4461 NI-4461 Datasheet
754Kb / 6P
   24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
logo
List of Unclassifed Man...
4461-TSC14D868-EK ETC2-4461-TSC14D868-EK Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
More results

Similar Description - 4461C-868-PDK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
List of Unclassifed Man...
MDEV-315-HH-CP8-MS ETC2-MDEV-315-HH-CP8-MS Datasheet
367Kb / 7P
   MS COMPACT HANDHELD TRANSMITTER MASTER DEVELOPMENT SYSTEM USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
List of Unclassifed Man...
MDEV-315-HH-LR8-HS ETC2-MDEV-315-HH-LR8-HS Datasheet
819Kb / 9P
   HS LONG-RANGE HANDHELD TRANSMITTER MASTER DEVELOPMENT SYSTEM USER?셎 GUIDE
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com