Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4438CPCE20D490-EK Datasheet(PDF) 9 Page - Silicon Laboratories

Part # 4438CPCE20D490-EK
Description  EZRADIOPRO짰 DEVELOPMENT KITS USER?셎 GUIDE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

4438CPCE20D490-EK Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button 4438CPCE20D490-EK Datasheet HTML 5Page - Silicon Laboratories 4438CPCE20D490-EK Datasheet HTML 6Page - Silicon Laboratories 4438CPCE20D490-EK Datasheet HTML 7Page - Silicon Laboratories 4438CPCE20D490-EK Datasheet HTML 8Page - Silicon Laboratories 4438CPCE20D490-EK Datasheet HTML 9Page - Silicon Laboratories 4438CPCE20D490-EK Datasheet HTML 10Page - Silicon Laboratories 4438CPCE20D490-EK Datasheet HTML 11Page - Silicon Laboratories 4438CPCE20D490-EK Datasheet HTML 12Page - Silicon Laboratories 4438CPCE20D490-EK Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
EZRadioPRO-DK
Rev. 0.5
9
The schematic of an RF Pico Board can be found in the next chapter. The complete CAD design pack of each RF
pico board type is also available at www.silabs.com.
5.4. Setting up and Connecting the WMB to the PC
Steps for connecting the platform to the PC:
1. Connect an RF Pico Board to the WMB board through the CON1 and CON2 connectors.
2. Insert a UPPI-930-RF MCU pico board in the connectors J5, J6, J7, J8 on the WMB. The dotted corner of
the C8051F930 MCU has to point to the triangle symbol on the WMB.
3. Connect an antenna to the SMA connector on the RF Pico Board.
4. Select the desired power source with the SUPPLY SELECT switch.
5. Ensure that all the CURRENT MEASUREMENT jumpers are in place.
6. Connect the WMB board to a USB port of the PC.
7. Wait for Windows to install the driver of the debug interface if necessary.
Table 4. Connections between the WMB Board and the RF Pico Board
Si446x, Si4362, Si406x, Si4438
WMB
C8051F930
Pin Number
Pin Name
Pin Function
RF Pico board J1
connector
WMB Con2
connector
Pin Name
EP,18
GND
Ground
2
1,2,19,20
GND
8
VDD
Voltage Supply input
1
17,18
VDD
11
NIRQ
Interrupt output
active low
10
7
P0.1
1
SDN
Shutdown input
active high
38
P2.3
15
NSEL
SPI select input
6
6
P1.4
12
SCLK
SPI clock input
9
5
P1.0
14
SDI
SPI data input
7
3
P1.2
13
SDO
SPI data output
8
4
P1.1
9
GPIO_0
General Purpose I/O
12
11
P2.6 (2nd)
10
GPIO_1
General Purpose I/O
11
12
P1.3
19
GPIO_2
General Purpose I/O
5
13
P2.5
20
GPIO_3
General Purpose I/O
4
14
P2.4


Similar Part No. - 4438CPCE20D490-EK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4438 ETC-4438 Datasheet
137Kb / 1P
   DELAY MODULES,TTL,SURFACE MOUNTED
logo
Molex Electronics Ltd.
44380-0001 MOLEX6-44380-0001 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 8/8, Unshielded
44380-0002 MOLEX6-44380-0002 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/6, Unshielded
44380-0003 MOLEX-44380-0003 Datasheet
247Kb / 2P
   Modular Jack
44380-0003 MOLEX6-44380-0003 Datasheet
620Kb / 7P
   Modular Jack, Right Angle, Low Profile, Inverted, 6/4, Unshielded
More results

Similar Description - 4438CPCE20D490-EK

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4010-DK SILABS-SI4010-DK Datasheet
212Kb / 20P
   Si4010 DEVELOPMENT KIT USER?셎 GUIDE
C8051T620-DK SILABS-C8051T620-DK Datasheet
597Kb / 30P
   C8051T620/2 DEVELOPMENT KIT USER?셎 GUIDE
logo
Microchip Technology
MCP2120 MICROCHIP-MCP2120 Datasheet
2Mb / 64P
   DEVELOPER?셎 KIT USER?셎 GUIDE
2001
logo
List of Unclassifed Man...
MDEV-315-HH-CP8-MS ETC2-MDEV-315-HH-CP8-MS Datasheet
367Kb / 7P
   MS COMPACT HANDHELD TRANSMITTER MASTER DEVELOPMENT SYSTEM USER?셎 GUIDE
logo
Microchip Technology
PIC24E MICROCHIP-PIC24E Datasheet
2Mb / 30P
   STARTER KIT USER?셎 GUIDE
2010-2011
logo
List of Unclassifed Man...
MDEV-315-HH-LR8-HS ETC2-MDEV-315-HH-LR8-HS Datasheet
819Kb / 9P
   HS LONG-RANGE HANDHELD TRANSMITTER MASTER DEVELOPMENT SYSTEM USER?셎 GUIDE
logo
Maxim Integrated Produc...
AN4811 MAXIM-AN4811 Datasheet
1Mb / 216P
   MAXQ FAMILY USER?셎 GUIDE
Rev: 6; 9/08
logo
Sciosense B.V.
AS6031-QF_DK SCIOSENSE-AS6031-QF_DK Datasheet
1Mb / 15P
   Development Kit User Guide
Rev. 5 2021-10-22
AS6040-QF_DK SCIOSENSE-AS6040-QF_DK Datasheet
1Mb / 16P
   Development Kit User Guide
Revision: 4 Date: 2021-10-22
logo
Vicor Corporation
DKIT-AC-24-POL-00 VICOR-DKIT-AC-24-POL-00 Datasheet
1Mb / 5P
   Development Kit User Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com