Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL8607 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PL8607
Description  SMT POWER INDUCTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PL8607 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PL8607 Datasheet HTML 1Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMT POWER INDUCTORS
Toroid - Military/Aerospace POGO Series
Ruggedized header with POGO pins for secure board mounting
Current Rating: up to 8.3ADC
Inductance Range: 2.0µH to 336µH
For More Information:
Pulse Worldwide
Headquarters
2 Pearl Buck Court
Bristol, PA 19007
U.S.A.
www.pulseeng.com
TEL: 215 781 6400
FAX: 215 781 6403
Pulse
Northern Europe
3 Huxley Road
Surrey Research Park
Guildford, Surrey GU2 5RE
United Kingdom
TEL: 44 1483 401700
FAX: 44 1483 401701
Pulse
Southern Europe
Zone Industrielle
F-39270
Orgelet
France
TEL: 33 3 84 35 04 04
FAX: 33 3 84 25 46 41
Pulse South Asia
150 Kampong Ampat
#07-01/02
KA Centre
Singapore 368324
TEL: 65 6287 8998
FAX: 65 6280 0080
Pulse North Asia
3F-4, No. 81, Sec. 1
Hsin Tai Wu Road
Hsi-Chih
Taipei Hsien
Taiwan
TEL: 886 2 26980228
FAX: 886 2 26980948
Pulse
China Headquarters
No. 1
Industrial District
Changan, Dongguan
China
TEL: 86 769 5538070
FAX: 86 769 5538870
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product
names mentioned herein may be trademarks or registered trademarks of their respective owners.
© Copyright, 2005. Pulse Engineering, Inc. All right reserved.
Pulse North China
Room 1002
No. 819
Nanjing West Rd
Shanghai
China
TEL: 86 21 32181071
FAX: 86 21 32181396
www.pulseeng.com
M114.A (10/05)
Mechanical
Schematic
1
2
4
3
1:1 ±2%
32
41
SUGGESTED PAD LAYOUT
.400
10,16
.500
12,70
.080
2,03
4X
.400
10,16
MAX
.525
13,34
.500
12,70
.625
15,88
MAX
.235
5,97
.004/0,10
4 SURFACES
MAX
.310
7,87
Inductance
Inductance
100 Gauss
1 Amp DC
Part
9
@ Irated
Irated
DCR (MAX)
ET
@0ADC
ET100
H1
Connection
Number
(µH MIN)
(A)
(m
Ω)
(V-µsec)
(µH ±10%)
(V-µsec)
(Orsted)
PL8600
2.0
8.30
8.0
7.31
2.2
1.20
5.43
Parallel
PL8601
2.4
7.20
10.9
7.81
2.6
1.33
5.97
Parallel
PL8602
5.0
5.20
19.0
11.72
5.5
1.93
8.69
Parallel
PL8600
7.0
4.16
16.0
14.61
8.75
2.41
10.86
Series
PL8603
9.3
3.80
30
16.12
10.4
2.65
11.95
Parallel
PL8601
8.4
3.78
21.8
15.62
10.4
2.65
11.95
Series
PL8604
14.1
3.10
45.5
19.73
15.7
3.25
14.66
Parallel
PL8605
19.8
2.60
66.5
23.45
22.1
3.86
17.38
Parallel
PL8602
17.9
2.60
38.0
23.43
22.45
3.86
17.38
Series
PL8606
29.3
2.20
101
28.50
32.8
4.70
21.18
Parallel
PL8603
33.8
1.89
60
32.25
41.7
5.30
23.89
Series
PL8607
42.6
1.80
151
34.49
47.6
5.66
25.52
Parallel
PL8604
50.9
1.54
91
39.46
62.8
6.51
29.32
Series
PL8608
61.3
1.50
222
40.85
67.5
6.75
30.41
Parallel
PL8605
71.5
1.30
133
46.90
88.2
7.71
34.75
Series
PL8609
84.2
1.20
318
46.22
91.0
7.83
35.30
Parallel
PL8606
106.1
1.07
202
57.00
131.0
9.40
42.36
Series
PL8607
154.2
0.89
302
68.99
190.3
11.33
51.05
Series
PL8608
218.9
0.74
444
81.70
270.2
13.50
60.82
Series
PL8609
295.0
0.64
636
92.43
364.0
15.66
70.59
Series
Electrical Specifications @ 25°C — Operating Temperature - 40°C to +130°C
NOTES:
1. Temperature rise is 50°C in typical buck or boost circuits at 250kHz and with the
reference ET applied to the inductor.
2. Total loss in the inductor is 380mWatts for a 50°C temperature rise above ambient.
3. To estimate temperature rise in a given application, determine copper and core
losses, divide by 380 and multiply by 50.
4. For the copper loss, calculate IDC2 X RN.
5. For core loss, using frequency (f) and operating flux density (B),
calculate 6.11 x 10-18 x B2.7 x f2.04.
6. For flux density (B), calculate ET (V-µsec) for the application, divide by ET100 from
the table, and multiply by 100.
7. Limit the DC bias (H) to 46 orsteds. Calculate H by multiplying H1 from the table
by IDC of the application.
8. The maximum DCR listed is approximately 17% over the nominal DCR.
9. Optional Tape & Reel packaging can be ordered by adding a "T" suffix to
the part number (i.e. PL8600 becomes PL8600T). Pulse complies to industry
standard tape and reel specification EIA481.
POGO 25
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Pan & Tube . . . . . . . . .30/tube
Tape & Reel . . . . . . . .300/reel
MSL . . . . . . . . . . . . . . . . . . . .3


Similar Part No. - PL8607

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PL80 ETC1-PL80 Datasheet
118Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL80 EDI-PL80 Datasheet
37Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
logo
NXP Semiconductors
PL802 PHILIPS-PL802 Datasheet
132Kb / 6P
   VIDEO OUTPUT PENTODE
December 1969
logo
List of Unclassifed Man...
PL80S ETC1-PL80S Datasheet
118Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES
logo
Electronic devices inc.
PL80S EDI-PL80S Datasheet
37Kb / 2P
   SINGLE-PHASE FULL WAVE BRIDGE 1.0 AMPERES FOR P.C. BOARD AND SURFACE MOUNTING
More results

Similar Description - PL8607

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com