Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RD-0035-0601 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # RD-0035-0601
Description  UG252: ZigBee짰 Lighting Reference Design Demo Board Kit Users Guide
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

RD-0035-0601 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button RD-0035-0601 Datasheet HTML 7Page - Silicon Laboratories RD-0035-0601 Datasheet HTML 8Page - Silicon Laboratories RD-0035-0601 Datasheet HTML 9Page - Silicon Laboratories RD-0035-0601 Datasheet HTML 10Page - Silicon Laboratories RD-0035-0601 Datasheet HTML 11Page - Silicon Laboratories RD-0035-0601 Datasheet HTML 12Page - Silicon Laboratories RD-0035-0601 Datasheet HTML 13Page - Silicon Laboratories RD-0035-0601 Datasheet HTML 14Page - Silicon Laboratories RD-0035-0601 Datasheet HTML 15Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
ACTIVE NTWK SEARCH State
This state is a condition where the demo board is actively searching for a network but has not joined a network. This operation for
actively searching for a network will remain for approximately up to two minutes. If no network is found by that time limit, the demo
board will enter into the OFF NETWORK state. If a network is found it will enter the NETWORK JOIN state. Power-cycling while in this
state will reset the timer and keep the demo board in this state for two additional minutes. If a network is found it will leave this state and
enter the NETWORK JOIN state.
The white/tri-color LEDs on the board will operate like a conventional non-connected light while in this state.
NETWORK JOIN State
After a demo board leaves the ACTIVE NTWK SEARCH state and enters this state, the white/tri-color LEDs will flash 10 times to indi-
cate successfully finding and joining a network. This state is transitory as the light moves immediately to the ON NETWORK state once
the LEDS complete their flash sequence. Power-cycling at this time will only impair the 10 LED flashes, but not prevent entry into the
ON NETWORK STATE once the power is reapplied.
ON-NETWORK State
This state is a condition where the demo board is connected to a ZigBee HA 1.2 network and is not searching for a network. While in
this state, the white/tri-color LEDs illumination on the demo board will correspond to commands the demo boards receive from the Zig-
Bee network. This state contains multiple entry and exit paths depending on various factors such as number power-cycles received
within a short time period of a few consecutive seconds.
If the power to the demo board is removed for long periods of time, the demo board will immediately rejoin its original joined network
when power becomes available and will not seek other networks, unless the user forces it to leave its joined network as will be descri-
bed within this section.
If the demo board is power-cycled four times, the demo board will temporarily enter the IDENTIFY state while remaining on its joined
network.
If the demo board is power-cycled from five to nine times, the demo board will temporarily enter the NETWORK STATUS state while
remaining on its joined network.
If the demo board is power-cycled ten times OR if the demo board receives a leave network command, the demo board will enter the
LEAVE NETWORK state.
IDENTIFY State
The purpose of this state is to help an installer (or user) identify which bulb is being communicated to by visually flashing in a specified
pattern so this person can locate the targeted light. After a demo board leaves the ON-NETWORK state and enters this state, the white/
tri-color LEDs will flash at a 0.5 Hz rate. This state is temporary and will return the demo board into the ON NETWORK state once the
state's timer reaches its time limit or if power is cycled at least once to the demo board. There are two ways to enter this mode depend-
ing on the intended application.
The first method is done locally to the bulb by power cycling it 4 times. The main purpose of this method is to support EZ Mode commis-
sioning, whereby the light becomes discoverable by other devices as a candidate for pairing. The bulb will blink at 0.5 Hz until the Iden-
tify Mode times out after 3 minutes.
The second method is done remotely by sending an Identify command from a gateway. The main purpose of this method is to allow an
installer to visually locate the bulb in question. The bulb will blink at 0.5 Hz until the Identify Mode for the duration is requested by the
gateway.
NETWORK STATUS State
The purpose of this state is to help an installer (or user) identify if the light is successfully connected to a network. After a demo board
leaves the ON-NETWORK state and enters this state, the white/tri-color LEDS will flash at a 2 Hz rate. This state is temporary and will
return the demo board into the ON NETWORK state once the state's timer reaches its time limit or if power is cycled at least once to the
demo board.
LEAVE NETWORK State
After a demo board leaves the ON NETWORK state and enters this state, the demo board will leave the joined network and will indicate
this process is in action by slow flashing the white/tri-color LEDS three times at a 0.5 Hz rate. This state is termporary and will place the
demo board into the ACTIVE NTWK SEARCH sstate once the LEDs complete their flash sequence. Power-cycling will only impair the
slow LED flashes but not prevent entry into the ACTIVE NTWK SEARCH state once the power is reapplied.
UG252: ZigBee® Lighting Reference Design Demo Board Kit User's Guide (RD-0085-0401, RD-0035-0601)
Operation Details for the Zigbee Lighting Reference Designs
silabs.com | Smart. Connected. Energy-friendly.
Rev. 0.3 | 10


Similar Part No. - RD-0035-0601

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
RD-0002-0201 SILABS-RD-0002-0201 Datasheet
8Mb / 59P
   High-Performance, Integrated ZigBee/802.15.4 System-on-Chip Family
RD-0051-0101 SILABS-RD-0051-0101 Datasheet
720Kb / 21P
   UG171: ZigBee짰 Smart Outlet Reference Design (RD-0051-0201) Kit Users Guide
RD-0051-0201 SILABS-RD-0051-0201 Datasheet
720Kb / 21P
   UG171: ZigBee짰 Smart Outlet Reference Design (RD-0051-0201) Kit Users Guide
More results

Similar Description - RD-0035-0601

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
RD-0051-0201 SILABS-RD-0051-0201 Datasheet
720Kb / 21P
   UG171: ZigBee짰 Smart Outlet Reference Design (RD-0051-0201) Kit Users Guide
SI1146 SILABS-SI1146 Datasheet
197Kb / 7P
   UVIRSLIDER2EK DEMO KIT USERS GUIDE
SI4836-DEMO SILABS-SI4836-DEMO Datasheet
1Mb / 12P
   Si4836 DEMO BOARD USERS GUIDE
SI4731-DEMO SILABS-SI4731-DEMO Datasheet
1Mb / 14P
   Si4731 DEMO BOARD USERS GUIDE
SI4827-DEMO SILABS-SI4827-DEMO Datasheet
2Mb / 16P
   Si4827 DEMO BOARD USERS GUIDE
SI4825-DEMO SILABS-SI4825-DEMO Datasheet
1Mb / 12P
   Si4825 DEMO BOARD USERS GUIDE
SI4844-B-DEMO SILABS-SI4844-B-DEMO Datasheet
1Mb / 18P
   Si4844-B DEMO BOARD USERS GUIDE
SI4826-DEMO SILABS-SI4826-DEMO Datasheet
1Mb / 18P
   Si4822/26 DEMO BOARD USERS GUIDE
SI4840-DEMO SILABS-SI4840-DEMO Datasheet
1Mb / 22P
   Si4840/44 DEMO BOARD USERS GUIDE
CP2103-EK SILABS-CP2103-EK Datasheet
214Kb / 8P
   EVALUATION KIT USERS GUIDE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com