Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si1080-A-GM Datasheet(PDF) 7 Page - Silicon Laboratories

Part # Si1080-A-GM
Description  MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1080-A-GM Datasheet(HTML) 7 Page - Silicon Laboratories

Back Button Si1080-A-GM Datasheet HTML 3Page - Silicon Laboratories Si1080-A-GM Datasheet HTML 4Page - Silicon Laboratories Si1080-A-GM Datasheet HTML 5Page - Silicon Laboratories Si1080-A-GM Datasheet HTML 6Page - Silicon Laboratories Si1080-A-GM Datasheet HTML 7Page - Silicon Laboratories Si1080-A-GM Datasheet HTML 8Page - Silicon Laboratories Si1080-A-GM Datasheet HTML 9Page - Silicon Laboratories Si1080-A-GM Datasheet HTML 10Page - Silicon Laboratories Si1080-A-GM Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 358 page
background image
Rev. 1.0
7
Si106x/108x
List of Figures
Figure 1.1. Si106x/Si108x Block Diagram ............................................................... 16
Figure 1.2. Si106x/108x RX/TX Direct-Tie Application Example ............................. 17
Figure 1.3. Si106x/108x Antenna Diversity Application Example ............................ 17
Figure 1.4. Port I/O Functional Block Diagram ........................................................ 19
Figure 1.5. PCA Block Diagram ............................................................................... 20
Figure 1.6. ADC0 Functional Block Diagram ........................................................... 21
Figure 1.7. ADC0 Multiplexer Block Diagram .......................................................... 22
Figure 1.8. Comparator 0 Functional Block Diagram .............................................. 23
Figure 1.9. Comparator 1 Functional Block Diagram .............................................. 23
Figure 3.1. Si1060/1, Si1080/1-A-GM Pinout Diagram (Top View) ......................... 34
Figure 3.2. Si1062/3, Si1082/3-A-GM Pinout Diagram (Top View) ......................... 35
Figure 3.3. Si1064/5, Si1084/5-A-GM Pinout Diagram (Top View) ......................... 36
Figure 3.4. QFN-36 Package Drawing .................................................................... 37
Figure 3.5. QFN-36 PCB Land Pattern Dimensions ................................................ 39
Figure 3.6. QFN-36 PCB Stencil and Via Placement .............................................. 41
Figure 4.1. Active Mode Current (External CMOS Clock) ....................................... 46
Figure 4.2. Idle Mode Current (External CMOS Clock) ........................................... 47
Figure 4.3. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 2 V ... 48
Figure 4.4. Typical DC-DC Converter Efficiency (High Current, VDD/DC+ = 3 V) .. 49
Figure 4.5. Typical DC-DC Converter Efficiency (Low Current, VDD/DC+ = 2 V) ... 50
Figure 4.6. Typical One-Cell Suspend Mode Current .............................................. 51
Figure 4.7. Typical VOH Curves, 1.8–3.6 V ............................................................ 53
Figure 4.8. Typical VOH Curves, 0.9–1.8 V ............................................................ 54
Figure 4.9. Typical VOL Curves, 1.8–3.6 V ............................................................. 55
Figure 4.10. Typical VOL Curves, 0.9–1.8 V ........................................................... 56
Figure 5.1. ADC0 Functional Block Diagram ........................................................... 78
Figure 5.2. 10-Bit ADC Track and Conversion Example Timing (BURSTEN = 0) ... 81
Figure 5.3. Burst Mode Tracking Example with Repeat Count Set to 4 .................. 83
Figure 5.4. ADC0 Equivalent Input Circuits ............................................................. 84
Figure 5.5. ADC Window Compare Example: Right-Justified Single-Ended Data .. 94
Figure 5.6. ADC Window Compare Example: Left-Justified Single-Ended Data ..... 94
Figure 5.7. ADC0 Multiplexer Block Diagram .......................................................... 95
Figure 5.8. Temperature Sensor Transfer Function ................................................ 97
Figure 5.9. Temperature Sensor Error with 1-Point Calibration (VREF = 1.68 V) .... 98
Figure 5.10. Voltage Reference Functional Block Diagram ................................... 100
Figure 6.1. Comparator 0 Functional Block Diagram ............................................ 103
Figure 6.2. Comparator 1 Functional Block Diagram ............................................ 104
Figure 6.3. Comparator Hysteresis Plot ................................................................ 105
Figure 6.4. CPn Multiplexer Block Diagram ........................................................... 110
Figure 7.1. CIP-51 Block Diagram ......................................................................... 113
Figure 8.1. Si106x Memory Map ........................................................................... 122
Figure 8.2. Si108x Memory Map ........................................................................... 123
Figure 8.3. Si106x Flash Program Memory Map ................................................... 124


Similar Part No. - Si1080-A-GM

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SI100 3M-SI100 Datasheet
320Kb / 4P
   3M Scotch-Weld??Surface Insensitive Instant Adhesives
logo
Silicon Laboratories
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SI1000 ETC2-SI1000 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
SI1000-C SILABS-SI1000-C Datasheet
37Kb / 1P
   Typical sleep mode current 0.1 A retains state and RAM contents over full supply range fast wakeup of 2 s
SI1000-C-GM SILABS-SI1000-C-GM Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
More results

Similar Description - Si1080-A-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI1000-E-GM2 SILABS-SI1000-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
   Integrated MCU with Spread-Spectrum Transceiver (SST)
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
Texas Instruments
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_1 Datasheet
958Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
   ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com