Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4340DY Datasheet(PDF) 7 Page - Vishay Siliconix

Part # SI4340DY
Description  Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4340DY Datasheet(HTML) 7 Page - Vishay Siliconix

  SI4340DY Datasheet HTML 1Page - Vishay Siliconix SI4340DY Datasheet HTML 2Page - Vishay Siliconix SI4340DY Datasheet HTML 3Page - Vishay Siliconix SI4340DY Datasheet HTML 4Page - Vishay Siliconix SI4340DY Datasheet HTML 5Page - Vishay Siliconix SI4340DY Datasheet HTML 6Page - Vishay Siliconix SI4340DY Datasheet HTML 7Page - Vishay Siliconix SI4340DY Datasheet HTML 8Page - Vishay Siliconix SI4340DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Si4340DY
Vishay Siliconix
New Product
Document Number: 72376
S-31857—Rev. A, 15-Sep-03
www.vishay.com
7
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
CHANNEL−2
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.000
0.006
0.012
0.018
0.024
0.030
0
2468
10
TJ = 150_C
TJ = 25_C
ID = 13.5 A
60
10
1
Source-Drain Diode Forward Voltage
On-Resistance vs. Gate-to-Source Voltage
VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
0
120
200
40
80
Single Pulse Power
Time (sec)
110
160
0.01
0.001
0
25
50
75
100
125
150
100
10
0.0001
Reverse Current vs. Junction Temperature
TJ - temperature (_C)
VDS = 20 V
VDS = 16 V
1
0.001
0.01
0.1
0.1
Safe Operating Area, Junction-to-Case
VDS - Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
1 ms
0.1
TC = 25_C
Single Pulse
10 ms
100 ms
dc
10 s
1 s
Limited by rDS(on)


Similar Part No. - SI4340DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4340DY VISHAY-SI4340DY Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results

Similar Description - SI4340DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4340DDY VISHAY-SI4340DDY Datasheet
230Kb / 15P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
Rev. A, 02-Mar-11
SI4340DY VISHAY-SI4340DY_V01 Datasheet
147Kb / 10P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7980DP VISHAY-SI7980DP_V01 Datasheet
345Kb / 18P
   Dual N-Channel 20 V (D-S) MOSFET with Schottky Diode
08-Feb-17
SI7980DP VISHAY-SI7980DP Datasheet
538Kb / 18P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-08
SI4340CDY VISHAY-SI4340CDY Datasheet
154Kb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 07-Jul-08
SI4340CDY VISHAY-SI4340CDY_V01 Datasheet
1Mb / 12P
   Dual N-Channel 20-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
logo
Analog Power
AM3826N ANALOGPOWER-AM3826N Datasheet
286Kb / 5P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI3812DV VISHAY-SI3812DV_08 Datasheet
111Kb / 7P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. E, 18-Aug-03
SI5858DU VISHAY-SI5858DU Datasheet
126Kb / 10P
   N-Channel 20-V (D-S) MOSFET with Schottky Diode
Rev. B, 23-Jun-08
SI3812DV VISHAY-SI3812DV Datasheet
52Kb / 6P
   N-Channel 20-V (D-S) MOSFET With Schottky Diode
Rev. D, 16-Apr-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com